Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2562L2-1-V-E3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2562L2-1-V-E3
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2562L2-1-V-E3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2562L2-1-V-E3 Datasheet HTML 2Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 3Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 4Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 5Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 6Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 9Page - Renesas Technology Corp PS2562L2-1-V-E3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Diode
Forward Voltage
VF
IF = 10 mA
1.17
1.4
V
Reverse Current
IR
VR = 5 V
5
μA
Terminal Capacitance
Ct
V = 0 V, f = 1.0 MHz
50
pF
Transistor
Collector to Emitter Dark
Current
ICEO
VCE = 40 V, IF = 0 mA
400
nA
Coupled
Current Transfer Ratio
(IC/IF)
*1
CTR
IF = 1 mA, VCE = 2 VDC
200
2 000
%
Collector Saturation
Voltage
VCE (sat)
IF = 1 mA, IC = 2 mA
1.0
V
Isolation Resistance
RI-O
VI-O = 1.0 kVDC
10
11
Ω
Isolation Capacitance
CI-O
V = 0 V, f = 1.0 MHz
0.5
pF
Rise Time
*2
tr
VCC = 10 V, IC = 10 mA, RL = 100
Ω
100
μs
Fall Time
*2
tf
100
*1 CTR rank
K : 2 000 to
(%)
L :
700 to 3 400 (%)
M :
200 to 1 000 (%)
*2 Test circuit for switching time
VCC
VOUT
RL = 100
Ω
50
Ω
IF
Pulse Input
PW = 1 ms
Duty Cycle = 1/10
Data Sheet PN10235EJ04V0DS
6
PS2562-1,PS2562L-1,PS2562L1-1,PS2562L2-1


Similar Part No. - PS2562L2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2562L2-1-V-E3 CEL-PS2562L2-1-V-E3 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2562L2-1-V-E3 RENESAS-PS2562L2-1-V-E3 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2562L2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2502-1 RENESAS-PS2502-1_15 Datasheet
261Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502L-1-E3 ETC2-PS2502L-1-E3 Datasheet
395Kb / 15P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2562-1 NEC-PS2562-1 Datasheet
105Kb / 16P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2562-1 CEL-PS2562-1 Datasheet
658Kb / 22P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2502-1 NEC-PS2502-1 Datasheet
101Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
List of Unclassifed Man...
PS2502-2-A ETC2-PS2502-2-A Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com