Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2565L2-1-V-E3 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # PS2565L2-1-V-E3
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2565L2-1-V-E3 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button PS2565L2-1-V-E3 Datasheet HTML 3Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 4Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 5Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 6Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 7Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 8Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 9Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 10Page - Renesas Technology Corp PS2565L2-1-V-E3 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
1.5 mW/
°C
150
100
50
25
50
100
125
150
0
10 000
100
1 000
100
10
1
75
50
25
0
–25
–50
VCE = 80 V
10
1.0
0.8
0.6
0.4
0.2
0
5
1
0.5
0.1
10 mA
40
1.5 mW/
°C
20 mA
50 mA
2 mA
IF = 1 mA
5 mA
40 V
24 V
10 V
5 V
–1.0
80
–1.5
–40
–80
–60
0
–0.5
0.5
1.5
1.0
0
–20
40
20
60
Ambient Temperature TA (
°C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE (sat) (V)
Ambient Temperature TA (
°C)
Ambient Temperature TA (
°C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
Forward Voltage VF (V)
FORWARD CURRENT vs.
FORWARD VOLTAGE
75
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
0
°C
–25
°C
–55
°C
+60
°C
+25
°C
TA = +100
°C
Remark
The graphs indicate nominal characteristics.
Data Sheet PN10236EJ05V0DS
7
PS2565-1,PS2565L-1,PS2565L1-1,PS2565L2-1


Similar Part No. - PS2565L2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2565L2-1-V-E3 CEL-PS2565L2-1-V-E3 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2565L2-1-V-E3 RENESAS-PS2565L2-1-V-E3 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2565L2-1-V-E3-A CEL-PS2565L2-1-V-E3-A Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2565L2-1-V-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2505-1 NEC-PS2505-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com