Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0222DNS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJK0222DNS
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0222DNS Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJK0222DNS Datasheet HTML 1Page - Renesas Technology Corp RJK0222DNS Datasheet HTML 2Page - Renesas Technology Corp RJK0222DNS Datasheet HTML 3Page - Renesas Technology Corp RJK0222DNS Datasheet HTML 4Page - Renesas Technology Corp RJK0222DNS Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R07DS0125EJ0030 Rev.0.30
Page 1 of 4
Sep 06, 2010
Preliminary Datasheet
RJK0222DNS
Silicon N Channel Power MOS FET with Schottky Barrier Diode
High Speed Power Switching
Features
 Low on-resistance
 Capable of 4.5 V gate drive
 High density mounting
 Pb-free
 Halogen-free
Outline
RENESAS Package code: PWSN0008JD-A
(Package name: HWSON3046-8 Dual)
1, 8
Gate
2, 3, 4, 9 Drain
5, 6, 7, 9 Source
8
7
6
5
2 1
3
4
G1
D1
G2
S2
MOS1
MOS2 and
Schottky Barrier Diode
1
2
8
5
S2
6
S2
7
S1/D2
9
D1
3
D1
4
9
5678
432
(Bottom View)
1
Absolute Maximum Ratings
(Ta = 25°C)
Ratings
Item
Symbol
MOS1
MOS2
Unit
Drain to source voltage
VDSS
25
25
V
Gate to source voltage
VGSS
±20
±12
V
Drain current
ID
14
16
A
Drain peak current
ID(pulse)
Note1
56
64
A
Reverse drain current
IDR
14
16
A
Avalanche current
IAP
Note 2
5
8
A
Avalanche energy
EAR
Note 2
3.1
8.0
mJ
Channel dissipation
Pch
Note3
8
10
W
Channel temperature
Tch
150
150
°C
Storage temperature
Tstg
–55 to +150
–55 to +150
°C
Notes: 1. PW
 10 s, duty cycle  1%
2.
Value at Tch = 25
C, Rg  50 
3.
Tc = 25
C
R07DS0125EJ0030
(Previous: REJ03G1951-0020)
Rev.0.30
Sep 06, 2010


Similar Part No. - RJK0222DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS-00-J5 RENESAS-RJK0223DNS-00-J5 Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0225DNS RENESAS-RJK0225DNS Datasheet
155Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0226DNS RENESAS-RJK0226DNS Datasheet
171Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0222DNS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0223DNS RENESAS-RJK0223DNS Datasheet
81Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com