Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJH60D5DPK Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RJH60D5DPK
Description  Silicon N Channel IGBT Application: Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJH60D5DPK Datasheet(HTML) 1 Page - Renesas Technology Corp

  RJH60D5DPK Datasheet HTML 1Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 2Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 3Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 4Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 5Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 6Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 7Page - Renesas Technology Corp RJH60D5DPK Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R07DS0163EJ0300 Rev.3.00
Page 1 of 7
Nov 16, 2010
Preliminary Datasheet
RJH60D5DPK
Silicon N Channel IGBT
Application: Inverter
Features
 Short circuit withstand time (5 s typ.)
 Low collector to emitter saturation voltage
VCE(sat) = 1.6 V typ. (at IC = 37 A, VGE = 15 V, Ta = 25°C)
 Built in fast recovery diode (100 ns typ.) in one package
 Trench gate and thin wafer technology
 High speed switching
tf = 75 ns typ. (at VCC = 300 V, VGE = 15 V, IC = 37 A, Rg = 5 , Ta = 25°C, inductive load)
Outline
1. Gate
2. Collector
3. Emitter
C
G
E
RENESAS Package code: PRSS0004ZE-A
(Package name: TO-3P)
1
2
3
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to emitter voltage / diode reverse voltage
VCES / VR
600
V
Gate to emitter voltage
VGES
±30
V
Tc = 25°C
IC
75
A
Collector current
Tc = 100°C
IC
37
A
Collector peak current
ic(peak)
Note1
150
A
Collector to emitter diode forward current
IDF
30
A
Collector to emitter diode forward peak current
iDF(peak)
Note1
120
A
Collector dissipation
PC
Note2
200
W
Junction to case thermal resistance (IGBT)
j-c Note2
0.63
°C/ W
Junction to case thermal resistance (Diode)
j-cd Note2
2.1
°C/ W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. PW
 10 s, duty cycle  1%
2. Value at Tc = 25
C
R07DS0163EJ0300
Rev.3.00
Nov 16, 2010


Similar Part No. - RJH60D5DPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK-00-T0 RENESAS-RJH60D5DPK-00-T0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK_15 Datasheet
107Kb / 10P
   600V - 37A - IGBT Application: Inverter
More results

Similar Description - RJH60D5DPK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJH60D0DPM RENESAS-RJH60D0DPM Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPE RENESAS-RJH60D1DPE_11 Datasheet
86Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPE RENESAS-RJH60D2DPE_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D3DPP-M0 RENESAS-RJH60D3DPP-M0 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D2DPP-M0 RENESAS-RJH60D2DPP-M0_10 Datasheet
88Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK_10 Datasheet
89Kb / 8P
   Silicon N Channel IGBT Application: Inverter
RJH60D0DPK RENESAS-RJH60D0DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D5DPK RENESAS-RJH60D5DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D1DPP-M0 RENESAS-RJH60D1DPP-M0 Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
RJH60D6DPK RENESAS-RJH60D6DPK Datasheet
171Kb / 4P
   Silicon N Channel IGBT Application: Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com