Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2A20104SPW5 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R2A20104SPW5
Description  Continuous Conduction Mode Interleaving PFC Control IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2A20104SPW5 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R2A20104SPW5 Datasheet HTML 4Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 5Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 6Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 7Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 8Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 9Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 10Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 11Page - Renesas Technology Corp R2A20104SPW5 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
R2A20114 Series
Preliminary
R03DS0008EJ0100 Rev.1.00
Page 11 of 11
Sep 03, 2010
Package Dimensions
 R2A20104FP and R2A20114FP
NOTE)
1. DIMENSIONS"*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
0.60
0.40
0.575
0.575
0.22
0.08
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
7.0
0.13
0.10
0.13
8.8
9.0
9.2
0.50
7.0
9.2
9.0
8.8
0.27
0.22
0.17
0.20
0.15
0.10
0.65
1.0
1.70
1.40
Previous Code
JEITA Package Code
RENESAS Code
PLQP0040JB-C
FP-40EV
MASS[Typ.]
0.2g
P-LQFP40-7x7-0.65
e
HE
L
A1
D
E
A2
HD
A
bp
b1
c
x
y
ZD
ZE
L1
c1
θ
Detail F
L
Terminal cross section
(Ni/Pd/Au plating)
40
1
F
M
x
11
10
31
30
21
20
*3
*1
Index mark
S
y S
D
e
HD
ZD
bp
bp
L1
 R2A20104FP and R2A20114FP
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
12.60
1.15
0.12
7.80
0.15
0.20
0.25
0.46
0.00
0.10
0.20
5.50
0.50
0.70
0.90
2.20
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
13.0
e
HE
L
A
D
E
A2
A1
bp
b1
c
x
y
Z
L1
c1
θ
0.34
0.40
8.00
7.50
1.27
0.15
0.80
Previous Code
JEITA Package Code
RENESAS Code
PRSP0020DD-B
FP-20DAV
MASS[Typ.]
0.31g
P-SOP20-5.5x12.6-1.27
Terminal cross section
(Ni/Pd/Au plating)
Detail F
L
y
S
S
Index mark
1
xM
*3
*1
F
10
11
20
Z
e
D
L1
bp
bp


Similar Part No. - R2A20104SPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20104SPW5 RENESAS-R2A20104SPW5 Datasheet
240Kb / 12P
   Continuous Conduction Mode Interleaving
R2A20104SPW5 RENESAS-R2A20104SPW5 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
More results

Similar Description - R2A20104SPW5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R2A20114AFP RENESAS-R2A20114AFP Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFPASP RENESAS-R2A20114AFPASP_15 Datasheet
243Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104-114 RENESAS-R2A20104-114 Datasheet
354Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114BFP RENESAS-R2A20114BFP Datasheet
1,002Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20114AFP RENESAS-R2A20114AFP_16 Datasheet
406Kb / 17P
   Continuous Conduction Mode Interleaving PFC Control IC
R2A20104 RENESAS-R2A20104 Datasheet
353Kb / 12P
   Continuous Conduction Mode Interleaving PFC Control IC
Jan 08, 2016
logo
Texas Instruments
UCC28070 TI-UCC28070_15 Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070 TI-UCC28070_08 Datasheet
723Kb / 39P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
UCC28070-Q1 TI1-UCC28070-Q1 Datasheet
883Kb / 43P
[Old version datasheet]   INTERLEAVING CONTINUOUS CONDUCTION MODE PFC CONTROLLER
UCC28070DWR TI-UCC28070DWR Datasheet
1Mb / 47P
[Old version datasheet]   Interleaving Continuous Conduction Mode PFC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com