Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJK0223DNS-00-J5 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RJK0223DNS-00-J5
Description  Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJK0223DNS-00-J5 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RJK0223DNS-00-J5 Datasheet HTML 1Page - Renesas Technology Corp RJK0223DNS-00-J5 Datasheet HTML 2Page - Renesas Technology Corp RJK0223DNS-00-J5 Datasheet HTML 3Page - Renesas Technology Corp RJK0223DNS-00-J5 Datasheet HTML 4Page - Renesas Technology Corp RJK0223DNS-00-J5 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RJK0223DNS
Preliminary
R07DS0126EJ0030 Rev.0.30
Page 3 of 4
Sep 02, 2010
• MOS2
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
25
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
±0.1
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
1
mA
VDS = 25 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.2
2.5
V
VDS = 10 V, I D =1 mA
RDS(on)
5.4
6.5
m
ID =8 A, VGS = 10 V
Note4
Static drain to source on state
resistance
RDS(on)
7.8
10.1
m
ID = 8 A, VGS = 4.5 V
Note4
Forward transfer admittance
|yfs|
37
S
ID = 8 A, VDS = 5 V
Note4
Input capacitance
Ciss
1243
pF
Output capacitance
Coss
234
pF
Reverse transfer capacitance
Crss
116
pF
VDS = 10 V
VGS = 0
f = 1MHz
Gate Resistance
Rg
2.4
Total gate charge
Qg
8.4
nC
Gate to source charge
Qgs
3.5
nC
Gate to drain charge
Qgd
1.7
nC
VDD = 10 V
VGS = 4.5 V
ID = 16 A
Turn-on delay time
td(on)
TBD
ns
Rise time
tr
TBD
ns
Turn-off delay time
td(off)
TBD
ns
Fall time
tf
TBD
ns
VGS = 10 V, ID = 16 A
VDD  10 V
RL = 0.63 
Rg = 4.7 
Schottky Barrier diode forward voltage
VF
0.41
V
IF = 2 A, VGS = 0
Note4
Body–drain diode reverse
recovery time
trr
TBD
ns
IF = 16 A, VGS = 0
diF/ dt = 100 A/s
Notes: 4. Pulse


Similar Part No. - RJK0223DNS-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0222DNS RENESAS-RJK0222DNS Datasheet
69Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0222DNS-00-J5 RENESAS-RJK0222DNS-00-J5 Datasheet
69Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0225DNS RENESAS-RJK0225DNS Datasheet
155Kb / 7P
   Silicon N Channel Power MOS FET Power Switching
RJK0226DNS RENESAS-RJK0226DNS Datasheet
171Kb / 7P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode Power Switching
More results

Similar Description - RJK0223DNS-00-J5

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJK0215DPA RENESAS-RJK0215DPA Datasheet
271Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA Datasheet
113Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2126RP RENESAS-HAT2126RP Datasheet
263Kb / 17P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0383DPA RENESAS-RJK0383DPA Datasheet
114Kb / 5P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP Datasheet
130Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0389DPA RENESAS-RJK0389DPA_09 Datasheet
358Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2210R RENESAS-HAT2210R Datasheet
116Kb / 12P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0214DPA RENESAS-RJK0214DPA Datasheet
260Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
RJK0230DPA RENESAS-RJK0230DPA Datasheet
221Kb / 11P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
HAT2285WP RENESAS-HAT2285WP_10 Datasheet
115Kb / 10P
   Silicon N Channel Power MOS FET with Schottky Barrier Diode High Speed Power Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com