Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS252012U6R8M Datasheet(PDF) 6 Page - Superworld Electronics

Part # SPS252012U6R8M
Description  SMD POWER INDUCTOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS252012U6R8M Datasheet(HTML) 6 Page - Superworld Electronics

  SPS252012U6R8M Datasheet HTML 1Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 2Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 3Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 4Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 5Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 6Page - Superworld Electronics SPS252012U6R8M Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 6
01.09.2011
SMD POWER INDUCTOR
9. SOLDERING AND MOUNTING :
Products attachment with soldering iron is discouraged due to the inherent process control limitations. In the event that
a) Preheat circuit and products to 150° C.
b) 355° C tip temperature (max)
c) Never contact the ceramic with the iron tip
a soldering iron must be employed the following precautions are recommended.
Figure 1. Re-flow Soldering
Time(sec.)
60~150s
20~40s
Soldering
480s max.
60~180s
150
25
TP(260° C/40s max.)
217
200
Preheating
Note :
Gradual
Cooling
cooling
Natural
Over 1min.
Figure 2. Hand Soldering
Preheating
350
150
within 4-5s
Soldering
e) Use a 20 watt soldering iron with tip diameter of 1.0mm
f) Limit soldering time to 4-5 secs.
d) 1.0mm tip diameter (max)
cooling
Natural
9-1. Recommended PC Board Pattern
9-2.2 Soldering Iron (Figure 2) :
9-2.1 Lead Free Solder Re-flow :
wave and re-flow soldering systems. If hand soldering cannot be avoided, the preferred technique is the utilization of hot
by the difference in coefficients of expansion between solder, chip and substrate. The terminations are suitable for all
Mildly activated rosin fluxes are preferred. The minimum amount of solder can lead to damage from the stresses caused
Recommended temperature profiles for re-flow soldering in Figure 1.
air soldering tools.
9-2. Soldering
2.7
0.8
Time(sec.)
SPS252012U SERIES
SUPERWORLD ELECTRONICS (S) PTE LTD


Similar Part No. - SPS252012U6R8M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS252012D1R0MF SUPERWORLD-SPS252012D1R0MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012D2R2MF SUPERWORLD-SPS252012D2R2MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR47MF SUPERWORLD-SPS252012DR47MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012DR68MF SUPERWORLD-SPS252012DR68MF Datasheet
294Kb / 8P
   SMD POWER INDUCTOR
SPS252012E1R0MF SUPERWORLD-SPS252012E1R0MF Datasheet
217Kb / 8P
   SMD Power Inductors
More results

Similar Description - SPS252012U6R8M

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com