Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS3015FT3R3M Datasheet(PDF) 1 Page - Superworld Electronics

Part # SPS3015FT3R3M
Description  Low Profile Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS3015FT3R3M Datasheet(HTML) 1 Page - Superworld Electronics

  SPS3015FT3R3M Datasheet HTML 1Page - Superworld Electronics SPS3015FT3R3M Datasheet HTML 2Page - Superworld Electronics SPS3015FT3R3M Datasheet HTML 3Page - Superworld Electronics SPS3015FT3R3M Datasheet HTML 4Page - Superworld Electronics SPS3015FT3R3M Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 1
(f)
(d) (e)
(b)
(c)
(a)
1. PART NO. EXPRESSION :
(c) Powder coating type
(a) Series code
(b) Dimension code
(f) Tolerance code : M=±20%, N=±30%
1.5 Max.
A
B
C
1.2 Typ
DE
0.9 Typ
3.0±0.2
3.0±0.2
Unit:m/m
(d) Taping package
(e) Inductance code : 2R2= 2.2uH
(g) 11~99 : Internal controlled number
(g)
3.0
Standard Pattern
S P S 3 0 1 5 F T 2 R 2 M -
20.03.2012
SPS3015FT SERIES
Low Profile Power Inductors
A
Powder Coating
C
3. MATERIALS :
(a) Core : Ferrite
(b) Wire : Polyurethane Enamelled Copper Wire
(c) Solder : M35E
(d) Coating : Powder Coating
NOTE : Specifications subject to change without notice. Please check our website for latest information.
Marking
(Black)


Similar Part No. - SPS3015FT3R3M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS3010T100MF SUPERWORLD-SPS3010T100MF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T150MF SUPERWORLD-SPS3010T150MF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T1R0YF SUPERWORLD-SPS3010T1R0YF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T1R5YF SUPERWORLD-SPS3010T1R5YF Datasheet
1Mb / 7P
   Low Profile Power Inductors
SPS3010T220MF SUPERWORLD-SPS3010T220MF Datasheet
1Mb / 7P
   Low Profile Power Inductors
More results

Similar Description - SPS3015FT3R3M

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com