Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71M6533 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # 71M6533
Description  Exceeds IEC 62053/ANSI C12.20 Standards
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

71M6533 Datasheet(HTML) 1 Page - Maxim Integrated Products

  71M6533 Datasheet HTML 1Page - Maxim Integrated Products 71M6533 Datasheet HTML 2Page - Maxim Integrated Products 71M6533 Datasheet HTML 3Page - Maxim Integrated Products 71M6533 Datasheet HTML 4Page - Maxim Integrated Products 71M6533 Datasheet HTML 5Page - Maxim Integrated Products 71M6533 Datasheet HTML 6Page - Maxim Integrated Products 71M6533 Datasheet HTML 7Page - Maxim Integrated Products 71M6533 Datasheet HTML 8Page - Maxim Integrated Products 71M6533 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 132 page
background image
71M6533/G/H and 71M6534/H
Energy Meter ICs
DATA SHEET
Rev 2
1
GENERAL DESCRIPTION
The Teridian™ 71M6533 and 71M6534 are third-generation
polyphase metering systems-on-chips (SoCs) with a 10MHz 8051-
compatible MPU core, low-power RTC, flash, and LCD driver. The
Single Converter Technology® with a 22-bit delta-sigma ADC, seven
analog inputs, digital temperature compensation, precision voltage
reference, and a 32-bit computation engine (CE) supports a wide
range of metering applications with very few external components.
The 71M6533 and 71M6534 add several new features to the
Teridian flagship 71M6513 polyphase meters, including an SPI
interface, advanced power management with < 1µA sleep current,
4KB shared RAM, and 128KB (71M6533/H, 71M6534), or 256KB
(71M6533G, 71M6534H) flash, which can be programmed in the
field with new code and/or data during meter operation. Higher
processing and sampling rates and larger memory offer a
powerful metering platform for commercial and industrial meters
with up to class 0.2 accuracy.
A complete array of ICE and development tools, programming
libraries and reference designs enable rapid development and
certification of meters that meet all ANSI and IEC electricity metering
standards worldwide.
FEATURES
Wh Accuracy < 0.1% Over 2000:1 Range
Exceeds IEC 62053/ANSI C12.20 Standards
Seven Sensor Inputs with Neutral Current
Measurement
Low-Jitter Wh and VARh Plus Two Additional
Pulse Test Outputs (4 Total, 10kHz max) with
Pulse Count
Four-Quadrant Metering
Phase Sequencing
Line Frequency Count for RTC
Digital Temperature Compensation
Independent 32-Bit CE
46-64 Hz Line Frequency Range with Same
Calibration; Phase Compensation (± 7°)
Three Battery-Backup Modes with Wake-Up
on Timer or Pushbutton:
Brownout Mode (82µA typ, 71M6533)
LCD Mode (21µA typ, DAC active)
Sleep Mode (0.7µA typ)
Energy Display During Mains Power Failure
39mW (typ) Consumption at 3.3V, MPU
Clock Frequency 614kHz
8-Bit MPU (80515), 10MHz (max), One
Clock Cycle per Instruction with Integrated
ICE for Debug
LCD Driver with Four Common Segment
Drivers:
Up to 228 Pixels (71M6533) or 300 Pixels
(71M6534)
Four Dedicated + 35 (71M6533) or 48
(71M6534) Multifunction DIO Pins
RTC for TOU Functions with Clock-Rate Adjust
Register
Hardware Watchdog Timer, Power-Fail Monitor
I2C/MICROWIRE® EEPROM Interface
High-Speed Slave SPI Interface to Data RAM
Two UARTs for IR and AMR, IR Driver with
Modulation
Flash Memory with Security and In-System
Program Update:
128KB (71M6533/H, 71M6534)
256KB (71M6533G, 71M6534H)
4KB RAM
Industrial Temperature Range
100-Pin (71M6533/G/H) or 120-Pin
(71M6534/H) Lead(Pb)-Free LQFP Package
MPU
RTC
TIMERS
IA
VA
IB
VB
XIN
XOUT
RX
TX
V1
TX
RX
COM0..3
V3P3A V3P3SYS
VBAT
V2P5
IC
VC
SEG
GNDA GNDD
SEG/DIO
DIO
ICE
LIVE
LIVE
LIVE
NEUT
LOAD
8888.8888
PULSES,
DIO
POWER
FAULT
IR
AMR
COMPARATOR
MOD
SERIAL PORTS
OSC/PLL
CONVERTER
LCD DRIVER
DIO ,PULSE
COMPUTE
ENGINE
FLASH
RAM
32 kHz
REGULATOR
CT/ COIL
POWER SUPPLY
TERIDIAN
71M6533
71M6534
TEMP
SENSOR
VREF
ID
BATTERY
PWR MODE
CONTROL
WAKE-up
NEUTRAL
I2C or µWire
EEPROM
9/24/2008
V2*
* 71M6534 only
Teridian is a trademark and Single Converter Technology is a registered
trademark of Maxim Integrated Products, Inc.
MICROWIRE is a registered trademark of National Semiconductor Corp.
19-5373; Rev 2; 2/12


Similar Part No. - 71M6533

ManufacturerPart #DatasheetDescription
logo
Teridian Semiconductor ...
71M6533 TERIDIAN-71M6533 Datasheet
1Mb / 124P
   Energy Meter IC
71M6533-IGT/F TERIDIAN-71M6533-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6533-IGTR/F TERIDIAN-71M6533-IGTR/F Datasheet
1Mb / 124P
   Energy Meter IC
71M6533H TERIDIAN-71M6533H Datasheet
1Mb / 124P
   Energy Meter IC
71M6533H-IGT/F TERIDIAN-71M6533H-IGT/F Datasheet
1Mb / 124P
   Energy Meter IC
More results

Similar Description - 71M6533

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
MBR860CT KERSEMI-MBR860CT Datasheet
779Kb / 2P
   Exceeds environmental standards of MIL-S-19500/228
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards
logo
Kemet Corporation
PEH169 KEMET-PEH169 Datasheet
618Kb / 6P
   Standards IEC 60384-4 Long Life Grade
logo
Lumileds Lighting Compa...
CS109 LUMILEDS-CS109 Datasheet
1Mb / 3P
   SlimStyle Bulb Exceeds Expectations
logo
Qualtek Electronics Cor...
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
   Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
List of Unclassifed Man...
T-17009 ETC-T-17009 Datasheet
17Kb / 1P
   Meets all IEE 802.3 and ANSI X3.263 standards including 350 mH OCL with 8 mA bias
G600400225G ETC2-G600400225G Datasheet
1Mb / 16P
   INDUSTRY STANDARDS
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
Bothhand USA, LP.
VP6014RZ-HF BOTHHAND-VP6014RZ-HF Datasheet
102Kb / 2P
   IEEE 802.3at/ANSI X3.263 compliant performance.
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com