Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS4012FT1R5 Datasheet(PDF) 9 Page - Superworld Electronics

Part # SPS4012FT1R5
Description  Low Profile Power Inductors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS4012FT1R5 Datasheet(HTML) 9 Page - Superworld Electronics

  SPS4012FT1R5 Datasheet HTML 1Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 2Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 3Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 4Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 5Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 6Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 7Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 8Page - Superworld Electronics SPS4012FT1R5 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
7. PACKAGING INFORMATION :
7-1. Reel Dimension (mm)
100
2.2
7-2 CARRIER TAPE DIMENSIONS (mm)
13.2
330
120°
7-3 TAPING DIMENSIONS (mm)
12mm
W
3.35mm
3.5mm
1.55mm
Ao
Ko
Bo
T
P
0.3mm
8.0mm
7-4 QUANTITY
3000pcs/Reel
The products are packaged so that no damage will be sustained.
8mm
4 mm
Start
End
Leader
no component
200mm min.
Components
Trailer
no component
400mm min.
user direction of feed
T
4.00
2.00±0.05
Ao
P
A
A
Ko
Ø1.5+0.1/-0.0
1.5
20.03.2012
SPS FT SERIES
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.


Similar Part No. - SPS4012FT1R5

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS4010FT SUPERWORLD-SPS4010FT Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT100M SUPERWORLD-SPS4010FT100M Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT150M SUPERWORLD-SPS4010FT150M Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT1R0N SUPERWORLD-SPS4010FT1R0N Datasheet
647Kb / 9P
   Low Profile Power Inductors
SPS4010FT220M SUPERWORLD-SPS4010FT220M Datasheet
647Kb / 9P
   Low Profile Power Inductors
More results

Similar Description - SPS4012FT1R5

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com