Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS5012FT Datasheet(PDF) 4 Page - Superworld Electronics

Part # SPS5012FT
Description  Low Profile Power Inductors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SPS5012FT Datasheet(HTML) 4 Page - Superworld Electronics

  SPS5012FT Datasheet HTML 1Page - Superworld Electronics SPS5012FT Datasheet HTML 2Page - Superworld Electronics SPS5012FT Datasheet HTML 3Page - Superworld Electronics SPS5012FT Datasheet HTML 4Page - Superworld Electronics SPS5012FT Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 4
6. RELIABILITY & TEST CONDITION :
Low temperature storage
Temperature characteristics
Dielectric withstand voltage
ITEM
The sample shall be left for 96±4 hours in an atmosphere
sample has been left in a normal temperature and normal
with a temperature of -25±3°C.
Upon completion of the test, the measurement shall be made
humidity for 1 hour.
Upon completion of the measurement shall be made after the
The sample shall be left for 96±4 hours in an atmosphere with
a temperature of 85±2°C and a normal humidity.
temperature and normal humidity shall be L/L20°C ±10%.
calculated based on the value applicable in a normal
0~2000 ppm/°C
L/L20°C ±10%
The test shall be performed after the sample has stabilized in
an ambient temperature of -20 to +85°C,and the value
PERFORMANCE
TEST CONDITION
AC 100V voltage shall be applied for 1 minute across the
top surface and the terminal of this sample
High temperature storage
Electrical Characteristics Test
after the sample has been left in a normal temperature and
There shall be no damage or problems.
There shall be no mechanical damage.
There shall be no mechanical damage.
normal humidity for 1 hour.
Change of temperature
Moisture storage
There shall be no other damage of problems
There shall be no mechanical damage.
The sample shall be subject to 5 continuos cycles, such as
shown in the table 2 below and then it shall be subjected to
standard atmospheric conditions for 1 hour, after which
measurement shall be made.
Duration
85±2°C
4
2
3
1
(Thermostat No.1)
5 sec. or less
-25±3°C
Temperature
30 min.
No.1 No.2
5 sec. or less
No.2 No.1
30 min.
(Thermostat No.2)
Standard
atmospheric
Standard
atmospheric
The sample shall be left for 96±4 hours in a temperature of
40±2°C and a humidity(RH) of 90~95%.
Upon completion of the test, the measurement shall be made
after the sample has been left in a normal temperature and
normal humidity more than 1 hour.
L/Lo±10%
L/Lo±10%
L/Lo±10%
L/Lo±10%
20.03.2012
Low Profile Power Inductors
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SPS5012FT SERIES


Similar Part No. - SPS5012FT

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS5012FT100M SUPERWORLD-SPS5012FT100M Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPS5012FT150M SUPERWORLD-SPS5012FT150M Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPS5012FT1R0N SUPERWORLD-SPS5012FT1R0N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPS5012FT1R5N SUPERWORLD-SPS5012FT1R5N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPS5012FT220M SUPERWORLD-SPS5012FT220M Datasheet
303Kb / 8P
   Low Profile Power Inductors
More results

Similar Description - SPS5012FT

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com