Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744-70 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS1744-70
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1744-70 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS1744-70 Datasheet HTML 6Page - Maxim Integrated Products DS1744-70 Datasheet HTML 7Page - Maxim Integrated Products DS1744-70 Datasheet HTML 8Page - Maxim Integrated Products DS1744-70 Datasheet HTML 9Page - Maxim Integrated Products DS1744-70 Datasheet HTML 10Page - Maxim Integrated Products DS1744-70 Datasheet HTML 11Page - Maxim Integrated Products DS1744-70 Datasheet HTML 12Page - Maxim Integrated Products DS1744-70 Datasheet HTML 13Page - Maxim Integrated Products DS1744-70 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
10 of 16
AC CHARACTERISTICS—READ CYCLE (3.3V)
(VCC = 3.3V ±10%, TA = Over the operating range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Read Cycle Time
tRC
120
ns
Address Access Time
tAA
120
ns
CE to DQ Low-Z
tCEL
5
ns
CE Access Time
tCEA
120
ns
CE Data Off Time
tCEZ
40
ns
OE to DQ Low-Z
tOEL
5
ns
OE Access Time
tOEA
100
ns
OE Data Off Time
tOEZ
35
ns
Output Hold from Address
tOH
5
ns
READ CYCLE TIMING DIAGRAM


Similar Part No. - DS1744-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1744-70 DALLAS-DS1744-70 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744-70 ARTSCHIP-DS1744-70 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744-70++ MAXIM-DS1744-70+ Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
logo
Dallas Semiconductor
DS1744-70IND DALLAS-DS1744-70IND Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744-70IND ARTSCHIP-DS1744-70IND Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
More results

Similar Description - DS1744-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com