Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744P-70 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1744P-70
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1744P-70 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1744P-70 Datasheet HTML 1Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 2Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 3Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 4Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 5Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 6Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 7Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 8Page - Maxim Integrated Products DS1744P-70 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
FEATURES
Integrated NV SRAM, Real-Time Clock,
Crystal, Power-Fail Control Circuit, and
Lithium Energy Source
Clock Registers are Accessed Identically to
the Static RAM. These Registers are Resident
in the Eight Top RAM Locations.
Century Byte Register (i.e., Y2K Compliant)
Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
BCD-Coded Century, Year, Month, Date,
Day, Hours, Minutes, and Seconds with
Automatic Leap-Year Compensation Valid
Up to the Year 2100
Battery Voltage-Level Indicator Flag
Power-Fail Write Protection Allows for ±10%
VCC Power-Supply Tolerance
Lithium Energy Source is Electrically
Disconnected to Retain Freshness Until
Power is Applied for the First Time
DIP Module Only
Standard JEDEC Byte-Wide 32k x 8 Static
RAM Pinout
PowerCap Module Board Only
Surface-Mountable Package for Direct
Connection to PowerCap Containing
Battery and Crystal
Replaceable Battery (PowerCap)
Power-On Reset Output
Pin-for-Pin Compatible with Other Densities
of DS174xP Timekeeping RAM
Also Available in Industrial Temperature
Range: -40°C to +85°C
UL Recognized
PIN CONFIGURATIONS
1
N.C.
2
3
N.C.
N.C.
RST
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
N.C.
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
N.C.
X1
GND VBAT
X2
PowerCap MODULE BOARD
(Uses DS9034PCX+ or DS9034I-PCX+ PowerCap)
DS1744P
TOP VIEW
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
1
2
3
4
5
6
7
8
9
10
11
12
13
14
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
28
27
26
25
24
23
22
21
20
19
18
17
16
15
DS1744
EDIP
19-5502; Rev 3/12
DS1744/DS1744P
Y2K-Compliant, Nonvolatile Timekeeping RAMs


Similar Part No. - DS1744P-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1744P-70 DALLAS-DS1744P-70 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744P-70 ARTSCHIP-DS1744P-70 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744P-70++ MAXIM-DS1744P-70+ Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
logo
Dallas Semiconductor
DS1744P-70IND DALLAS-DS1744P-70IND Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744P-70IND ARTSCHIP-DS1744P-70IND Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
More results

Similar Description - DS1744P-70

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com