Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1744P-70IND Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS1744P-70IND
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1744P-70IND Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS1744P-70IND Datasheet HTML 1Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 2Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 3Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 4Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 5Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 6Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 7Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 8Page - Maxim Integrated Products DS1744P-70IND Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
DS1744/DS1744P Y2K-Compliant, Nonvolatile Timekeeping RAMs
5 of 16
Table 1. Truth Table
VCC
CE
OE
WE
MODE
DQ
POWER
VCC > VPF
VIH
X
X
Deselect
High-Z
Standby
VIL
X
VIL
Write
Data In
Active
VIL
VIL
VIH
Read
Data Out
Active
VIL
VIH
VIH
Read
High-Z
Active
VSO < VCC < VPF
X
X
X
Deselect
High-Z
CMOS Standby
VCC < VSO < VPF
X
X
X
Deselect
High-Z
Data-Retention Mode
SETTING THE CLOCK
As shown in Table 2, bit 7 of the century register is the write bit. Setting the write bit to a 1, like the read
bit, halts updates to the DS1744 registers. The user can then load them with the correct day, date, and time
data in 24-hour BCD format. Resetting the write bit to a 0 then transfers those values to the actual clock
counters and allows normal operation to resume.
STOPPING AND STARTING THE CLOCK OSCILLATOR
The clock oscillator can be stopped at any time. To increase the shelf life, the oscillator can be turned off
to minimize current drain from the battery. The OSC bit is the MSB (bit 7) of the seconds registers (Table
2). Setting it to a 1 stops the oscillator.
FREQUENCY TEST BIT
As shown in Table 2, bit 6 of the day byte is the frequency test bit. When the frequency test bit is set to
logic 1 and the oscillator is running, the LSB of the seconds register toggles at 512Hz. When the seconds
register is being read, the DQ0 line toggles at the 512Hz frequency as long as conditions for access remain
valid (i.e., CE low, OE low, WE high, and address for seconds register remain valid and stable).
CLOCK ACCURACY (DIP MODULE)
The DS1744 is guaranteed to keep time accuracy to within ±1 minute per month at +25°C. The RTC is
calibrated at the factory by Maxim using nonvolatile tuning elements, and does not require additional
calibration. For this reason, methods of field clock calibration are not available and not necessary. Clock
accuracy is also affected by the electrical environment; caution should be taken to place the RTC in the
lowest-level EMI section of the PC board layout. For additional information, refer to Application Note 58:
Crystal Considerations with Maxim Real-Time Clocks.
CLOCK ACCURACY (PowerCap MODULE)
The DS1744 and DS9034PCX are individually tested for accuracy. Once mounted together, the module
typically keeps time accuracy to within ±1.53 minutes per month (35ppm) at +25°C. Clock accuracy is
also affected by the electrical environment and caution should be taken to place the RTC in the lowest-
level EMI section of the PC board layout. For additional information, refer to Application Note 58:
Crystal Considerations with Maxim Real-Time Clocks.


Similar Part No. - DS1744P-70IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1744P-70IND DALLAS-DS1744P-70IND Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744P-70IND ARTSCHIP-DS1744P-70IND Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1744P-70IND++ MAXIM-DS1744P-70IND+ Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
More results

Similar Description - DS1744P-70IND

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com