Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1746W-120IND+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS1746W-120IND+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1746W-120IND+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS1746W-120IND+ Datasheet HTML 4Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 5Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 9Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 10Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 11Page - Maxim Integrated Products DS1746W-120IND+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS1746/DS1746P Y2K-Compliant, Nonvolatile Timekeeping RAMs
8 of 16
ABSOLUTE MAXIMUM RATINGS
Voltage Range on Any Pin Relative to Ground
5.5V Version…………………………..………………………………..……………………..-0.3V to +6.0V
3.3V Version…………………………………………………………………………………..-0.3V to +4.6V
Storage Temperature Range
EDIP ...................................................……………………...………………..……………….-40°C to +85°C
PowerCap ................................................................................................................………...-55°C to +125°C
Lead Temperature (soldering, 10s)…........................................................................................……………….+260°C
Note: EDIP is hand or wave-soldered only.
Soldering Temperature (reflow, PowerCap)......................................................................................…………+260°
C
This is a stress rating only and functional operation of the device at these or any other condition above those indicated in the operation sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
OPERATING RANGE
RANGE
TEMP RANGE
VCC
Commercial
0°C to +70°C, Noncondensing
3.3V ±10% or 5V ±10%
Industrial
-40°C to +85°C, Noncondensing
3.3V ±10% or 5V ±10%
RECOMMENDED DC OPERATING CONDITIONS
(TA = Over the Operating Range)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Logic 1 Voltage All Inputs
VCC = 5V ±10%
VCC = 3.3V ±10%
VIH
2.2
VCC +
0.3V
V
1
VIH
2.0
VCC +
0.3V
V
1
Logic 0 Voltage All Inputs
VCC = 5V ± 10%
VCC = 3.3V ± 10%
VIL
-0.3
0.8
V
1
VIL
-0.3
0.6
V
1
DC ELECTRICAL CHARACTERISTICS
(VCC = 5.0V ±10%, TA = Over the Operating Range.)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Active Supply Current
Icc
85
mA
2, 3, 10
TTL Standby Current
( CE = VIH)
Icc1
6
mA
2, 3
CMOS Standby Current
( CE ≥VCC-0.2V)
Icc2
4
mA
2, 3
Input Leakage Current (any input)
IIL
-1
+1
µ
A
Output Leakage Current
(any output)
IOL
-1
+1
µ
A
Output Logic 1 Voltage
(IOUT = -1.0 mA)
VOH
2.4
1
Output Logic 0 Voltage
(IOUT = +2.1 mA)
VOL
0.4
1
Write Protection Voltage
VPF
4.25
4.50
V
1
Battery Switchover Voltage
VSO
VBAT
1, 4


Similar Part No. - DS1746W-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1746W-120IND++ MAXIM-DS1746W-120IND+ Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results

Similar Description - DS1746W-120IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_12 Datasheet
606Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com