Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7041 Datasheet(PDF) 9 Page - Hamamatsu Corporation

Part # C7041
Description  Designed for back-thinned CCD area image sensor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7041 Datasheet(HTML) 9 Page - Hamamatsu Corporation

Back Button C7041 Datasheet HTML 2Page - Hamamatsu Corporation C7041 Datasheet HTML 3Page - Hamamatsu Corporation C7041 Datasheet HTML 4Page - Hamamatsu Corporation C7041 Datasheet HTML 5Page - Hamamatsu Corporation C7041 Datasheet HTML 6Page - Hamamatsu Corporation C7041 Datasheet HTML 7Page - Hamamatsu Corporation C7041 Datasheet HTML 8Page - Hamamatsu Corporation C7041 Datasheet HTML 9Page - Hamamatsu Corporation C7041 Datasheet HTML 10Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CCD multichannel detector heads
C7040, C7041
9
Pin connections
KACCC0076EC
Multichannel detector head controller C7557-01
When connected to a HAMAMATSU multichannel detector head and a personal computer, the C7557-01 allows easy control of the detector
head and data acquisition by using dedicated software that comes with the unit.
Suitable multichannel detector head
C7020/-02, C7021/-02, C7025/-02,
C7040, C7041, C7043, C7044, C7180,
C7181, C8061-01, C8062-01, C10150, C10151,
C5964 series, C8892
Power supply
VF (+12V)
F.GND
VP (+5V)
P.GND
VD2 (+5V)
D.GND
Controller
Cooling control
D.GND
TE controller
Power supply
I/O signal
VD1 (+5V)
D.GND
VA1+ (+15V)
VA1- (-15V)
VA2 (+24V)
A.GND
Pulse generator
CLK
D.GND
Start
D.GND
Controller
Mode select
D.GND
S/H or A/D
Analog input
A.GND
S/H input
D.GND
Oscilloscope
CH1
GND
Ext.Trig
GND
1
2
3
4
5
6
7
8
9
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15


Similar Part No. - C7041

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7041 HAMAMATSU-C7041 Datasheet
208Kb / 6P
   CCD multichannel detector head
C7041 HAMAMATSU-C7041 Datasheet
333Kb / 6P
   Multichannel detector head controller
More results

Similar Description - C7041

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7043 HAMAMATSU-C7043_09 Datasheet
792Kb / 8P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
C10150 HAMAMATSU-C10150 Datasheet
204Kb / 7P
   CCD multichannel detector head Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com