Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7044 Datasheet(PDF) 3 Page - Hamamatsu Corporation

Part # C7044
Description  Designed for back-thinned CCD area image sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7044 Datasheet(HTML) 3 Page - Hamamatsu Corporation

  C7044 Datasheet HTML 1Page - Hamamatsu Corporation C7044 Datasheet HTML 2Page - Hamamatsu Corporation C7044 Datasheet HTML 3Page - Hamamatsu Corporation C7044 Datasheet HTML 4Page - Hamamatsu Corporation C7044 Datasheet HTML 5Page - Hamamatsu Corporation C7044 Datasheet HTML 6Page - Hamamatsu Corporation C7044 Datasheet HTML 7Page - Hamamatsu Corporation C7044 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CCD multichannel detector heads
C7043, C7044
Spectral response
Dark current vs. temperature
100
90
80
70
60
50
40
30
20
10
0
200
400
600
800
1000
1200
Wavelength (nm)
(Typ. Ta=25 °C)
BACK-
thinned
CCD
Front-
illuminated
CCD
-50
-40
-30
-20
0
-10
10
20
30
Temperature (°C)
0.01
1
0.1
10
100
1000
(Typ.)
KMPDB0038EA
KMPDB0256EA
Specifications for temperature controller (C7044)
(Ta=25 °C, VD1=+5 V, VA1+=+15 V, VA1-=-15 V, VA2=+24 V, VD2=+5 V, Vp=+5 V, VF=+12 V)
Parameter *8
Symbol
Min.
Typ.
Max.
Unit
Cooling temperature
Ts
-11
-10
-9
°C
Temperature control range
ΔTs
-0.05
-
+0.05
°C
Power dissipation of TE-cooler element
Pp
-
-
7
W
Cool down time to reset temperature
to
-
-
5
min.
Setting temperature for overheat protection *9
To
-
+45
-
°C
*8: Other functions include error display, automatic power off, and detection of electrical opens and shorts by the thermosensor.
*9: Temperature of rear-side of housing (part to fix fan)
3
Block diagram (S7033/S7034 series)
23
22
21
20
14
15
24
1
2
12
11
89
3
4
5
Blank (4 pixels)
Blank (4 pixels)
V=58, 122, 250
H=512, 1024
Thinning
1 23 45
2
3
4
5
V
H
6-bevel
6-bevel
13
10
signal out
2
n
KMPDC0016EB


Similar Part No. - C7044

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7044 HAMAMATSU-C7044 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C7044 HAMAMATSU-C7044 Datasheet
333Kb / 6P
   Multichannel detector head controller
More results

Similar Description - C7044

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
C10150 HAMAMATSU-C10150 Datasheet
204Kb / 7P
   CCD multichannel detector head Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com