Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C7044 Datasheet(PDF) 5 Page - Hamamatsu Corporation

Part # C7044
Description  Designed for back-thinned CCD area image sensor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

C7044 Datasheet(HTML) 5 Page - Hamamatsu Corporation

  C7044 Datasheet HTML 1Page - Hamamatsu Corporation C7044 Datasheet HTML 2Page - Hamamatsu Corporation C7044 Datasheet HTML 3Page - Hamamatsu Corporation C7044 Datasheet HTML 4Page - Hamamatsu Corporation C7044 Datasheet HTML 5Page - Hamamatsu Corporation C7044 Datasheet HTML 6Page - Hamamatsu Corporation C7044 Datasheet HTML 7Page - Hamamatsu Corporation C7044 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CCD multichannel detector heads
C7043, C7044
Pin connections of "TE CONTROL I/O" connector (C7044)
Pin No.
Terminal name
Description
1VD2 (+5 V)
Digital power supply
2
Temp monitor
Analog output signal of the temperature of the CCD image sensor
3
Cooling control
Digital input signal for starting to cool down. HCMOS compatible.
High level or left open: cooling
Low level: stand-by
4
Vp (+5 V)
Power supply for the thermoelectric cooler in the CCD image sensor
5VF (+12 V)
Power supply for cooling fan
6
D.GND
Ground for temperature control circuit
7
D.GND
Ground for temperature control circuit
8
P.GND
Power supply return of the thermoelectric cooler mounted in the CCD image sensor
9
F.GND
Power supply return for cooling fan
Available for using same power supply (+5 V) for "+VD2" and "+Vp".
Caution: Do not connect "VD2" and "Vp" together on the backside of the 9-pin D-sub connector.
These may be connected (shorted) at the power supply end, not 9-pin D-sub connector.
KACCC0075EA
1
2
3
4
5
6
7
8
9
9-pin D-sub connector
5
Pin connections of "SIGNAL I/O" connector
KACCC0069EA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
15-pin D-sub connector
Pin No.
Terminal name
Description
1
Mode select
Digital input signal used to select between the line binning operation and area scanning operation.
HCMOS compatible.
High level or left open: line binning operation
Low level: area scanning operation
2
Data video
Analog video output. Positive polarity.
3VA1+ (+15 V)
Analog power supply
4VA1- (-15 V)
Analog power supply
5VD1 (+5 V)
Digital power supply
6
Start
Digital input signal for initializing the circuit.
HCMOS compatible. Positive logic.
The interval of the Start pulses determines the integration time of the CCD image sensor.
7
CLK
Digital input signal for operating the circuit.
HCMOS compatible. Rising edge operation.
8
EOS
Digital output signal for indicating end-of-scan of the image sensor.
HCMOS compatible. Negative logic.
9
A.GND
Analog ground
10
A.GND
Analog ground
11
VA2 (+24 V)
Analog power supply
12
D.GND
Digital ground
13
D.GND
Digital ground
14
D.GND
Digital ground
15
Trigger
Digital output signal for A/D conversion. HCMOS compatible. Positive logic.


Similar Part No. - C7044

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7044 HAMAMATSU-C7044 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C7044 HAMAMATSU-C7044 Datasheet
333Kb / 6P
   Multichannel detector head controller
More results

Similar Description - C7044

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C7040 HAMAMATSU-C7040_10 Datasheet
308Kb / 10P
   Designed for back-thinned CCD area image sensor
C7043 HAMAMATSU-C7043 Datasheet
300Kb / 7P
   Designed for back-thinned CCD area image sensor
C10150 HAMAMATSU-C10150_15 Datasheet
1Mb / 7P
   Designed for back-thinned CCD area image sensor
C9047 HAMAMATSU-C9047 Datasheet
157Kb / 4P
   Designed for back-thinned CCD area image sensors
C10150 HAMAMATSU-C10150 Datasheet
204Kb / 7P
   CCD multichannel detector head Designed for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_15 Datasheet
328Kb / 9P
   Detector heads for back-thinned CCD area image sensor
C7180 HAMAMATSU-C7180_07 Datasheet
215Kb / 3P
   Detector head for back-thinned CCD area image sensor
S8844-0909 HAMAMATSU-S8844-0909 Datasheet
171Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
S8665-0909 HAMAMATSU-S8665-0909 Datasheet
184Kb / 9P
   CCD area image sensor Four-stage thermoelectric cooled, back-thinned FFT-CCD
S7170-0909 HAMAMATSU-S7170-0909 Datasheet
186Kb / 9P
   CCD area image sensor 512 횞 512 pixels, Back-thinned FFT-CCD
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com