Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8658-01 Datasheet(PDF) 7 Page - Hamamatsu Corporation

Part # S8658-01
Description  CCD area image sensor Front-illuminated FFT-CCD for X-ray imaging
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S8658-01 Datasheet(HTML) 7 Page - Hamamatsu Corporation

  S8658-01_11 Datasheet HTML 1Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 2Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 3Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 4Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 5Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 6Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 7Page - Hamamatsu Corporation S8658-01_11 Datasheet HTML 8Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CCD area image sensor
S8658-01
7
s Pin connections
Pin No.
Symbol
Description
Remark
A1, B1
RG
Reset gate
A2, B2
RD
Reset drain
A3, B3
SSA
Analog ground
A4, B4
OS
Output transistor source
A5, B5
OD
Output transistor drain
A6, B6
OG
Output gate
A7, B7
SG
Summing gate
A8, B8
P2AH
CCD horizontal register clock A-2
A9, B9
P1AH
CCD horizontal register clock A-1
A10, B10
SSD
Digital ground
A11, B11
P2BH
CCD horizontal register clock B-2
Same timing as P2AH
A12, B12
P1BH
CCD horizontal register clock B-1
Same timing as P1AH
A13, B13
IGH
Test point (Horizontal input gate)
A14, B14
ISV
Test point (Vertical input source)
Shorted to RD
A15, B15
IGV
Test point (Vertical input gate)
A16, B16
P1BV
CCD vertical register clock B-1
Same timing as P1AV
A17, B17
P2BV
CCD vertical register clock B-2
Same timing as P2AV
A18, B18
P1AV
CCD vertical register clock A-1
A19, B19
P2AV
CCD vertical register clock A-2
A20, B20
TG
Transfer gate
C1
IGH
Test point (Horizontal input gate)
C2
P1BH
CCD horizontal register clock B-1
Same timing as P1AH
C3
P2BH
CCD horizontal register clock B-2
Same timing as P2AH
C4
SSD
Digital ground
C5
P1AH
CCD horizontal register clock A-1
C6
P2AH
CCD horizontal register clock A-2
C7
SG
Summing gate
C8
OG
Output gate
C9
OD
Output transistor drain
C10
OS
Output transistor source
C11
SSA
Analog ground
C12
RD
Reset drain
C13
RG
Reset gate
C14
TG
Transfer gate
C15
P2AV
CCD vertical register clock A-2
C16
P1AV
CCD vertical register clock A-1
C17
P2BV
CCD vertical register clock B-2
Same timing as P2AV
C18
P1BV
CCD vertical register clock B-1
Same timing as P1AV
C19
IGV
Test point (Vertical input gate)
C20
ISV
Test Point (Vertical input source)
Shorted to RD
s Precautions for use (Electrostatic countermeasures)
* Handle these sensors with bare hands or wearing cotton gloves. In addition, wear anti-static clothing or use a wrist band with
an earth ring, in order to prevent electrostatic damage due to electrical charges from friction.
* Avoid directly placing these sensors on a work-desk or work-bench that may carry an electrostatic charge.
* Provide ground lines or ground connection with the work-floor, work-desk and work-bench to allow static electricity to
discharge.
* Ground the tools used to handle these sensors, such as tweezers and soldering irons.
It is not always necessary to provide all the electrostatic measures stated above. Implement these measures according to
the amount of damage that occurs.


Similar Part No. - S8658-01_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8658-01 HAMAMATSU-S8658-01_15 Datasheet
247Kb / 9P
   TDI-CCD area image sensor
More results

Similar Description - S8658-01_11

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S8984 HAMAMATSU-S8984 Datasheet
185Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8982 HAMAMATSU-S8982 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01 Datasheet
143Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8986 HAMAMATSU-S8986 Datasheet
186Kb / 7P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S7199-01 HAMAMATSU-S7199-01_11 Datasheet
162Kb / 8P
   CCD area image sensor Front-illuminated FFT-CCDs for X-ray imaging
S8984-02 HAMAMATSU-S8984-02_15 Datasheet
238Kb / 3P
   Front-illuminated FFT-CCD for X-ray imaging
S8658-01 HAMAMATSU-S8658-01 Datasheet
150Kb / 7P
   Front-illuminated FFT-CCD for X-ray imaging
S10814 HAMAMATSU-S10814 Datasheet
361Kb / 10P
   Front-illuminated FFT-CCD for X-ray imaging
S9972 HAMAMATSU-S9972 Datasheet
166Kb / 9P
   CCD area image sensor Front-illuminated FFT-CCD, high IR sensitivity
S9972 HAMAMATSU-S9972_09 Datasheet
458Kb / 10P
   CCD area image sensor Front-illuminated FFT-CCD, high near IR sensitivity
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com