Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S9066-111 Datasheet(PDF) 2 Page - Hamamatsu Corporation

Part # S9066-111
Description  Photo IC diode Spectral response close to human eye sensitivity
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S9066-111 Datasheet(HTML) 2 Page - Hamamatsu Corporation

  S9066-111 Datasheet HTML 1Page - Hamamatsu Corporation S9066-111 Datasheet HTML 2Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Photo IC diode
S9066-111, S9067-101
HAMAMATSU PHOTONICS K.K., Solid State Division
1126-1 Ichino-cho, Higashi-ku, Hamamatsu City, 435-8558 Japan, Telephone: (81) 53-434-3311, Fax: (81) 53-434-5184, www.hamamatsu.com
U.S.A.: Hamamatsu Corporation: 360 Foothill Road, P.O.Box 6910, Bridgewater, N.J. 08807-0910, U.S.A., Telephone: (1) 908-231-0960, Fax: (1) 908-231-1218
Germany: Hamamatsu Photonics Deutschland GmbH: Arzbergerstr. 10, D-82211 Herrsching am Ammersee, Germany, Telephone: (49) 08152-3750, Fax: (49) 08152-2658
France: Hamamatsu Photonics France S.A.R.L.: 19, Rue du Saule Trapu, Parc du Moulin de Massy, 91882 Massy Cedex, France, Telephone: 33-(1) 69 53 71 00, Fax: 33-(1) 69 53 71 10
United Kingdom: Hamamatsu Photonics UK Limited: 2 Howard Court, 10 Tewin Road, Welwyn Garden City, Hertfordshire AL7 1BW, United Kingdom, Telephone: (44) 1707-294888, Fax: (44) 1707-325777
North Europe: Hamamatsu Photonics Norden AB: Smidesvägen 12, SE-171 41 Solna, Sweden, Telephone: (46) 8-509-031-00, Fax: (46) 8-509-031-01
Italy: Hamamatsu Photonics Italia S.R.L.: Strada della Moia, 1/E, 20020 Arese, (Milano), Italy, Telephone: (39) 02-935-81-733, Fax: (39) 02-935-81-741
Information furnished by HAMAMATSU is believed to be reliable. However, no responsibility is assumed for possible inaccuracies or omissions.
Specifications are subject to change without notice. No patent rights are granted to any of the circuits described herein. ©2008 Hamamatsu Photonics K.K.
Cat. No. KPIC1052E05
Feb. 2008 DN
ILLUMINANCE (lx)
(Typ. Ta=25 ˚C, VR=5 V, 2856 K)
0.1
1
10
10 nA
100 nA
1 µA
10 mA
1 mA
100 µA
10 µA
100
1000
AMBIENT TEMPERATURE (˚C)
1 nA
100 nA
10 µA
10 nA
1 µA
100 pA
050
25
75
100
(Typ. VR=5 V)
1000
100
10
1
0.1
100
1 k
10 k
LOAD RESISTANCE (
Ω)
100 k
1 M
(Typ. Ta=25 ˚C, VR=7.5 V,
λ=560 nm, Vo=2.5 V)
tr
tf
2
CATHODE
ANODE
Tolerance unless otherwise
noted: ±0.2
Active area position accuracy: X, Y
£±0.3
Electrodes
0.4
3.2 ± 0.2
0.4
0.13
2.2
(4 ×) 0.5
CENTER OF ACTIVE AREA
ACTIVE AREA 0.32 × 0.46
2.0 ± 0.1
PHOTOSENSITIVE
SURFACE
KPICB0078EC
s Dimensional outlines (unit: mm)
s Spectral response
0.1
0.2
0.3
0.4
0.5
0.7
0.9
0.6
0.8
1.0
0
200
400
600
800
WAVELENGTH (nm)
1000
1200
(Typ. Ta=25 ˚C, VR=5 V)
S9066-111
S9067-101
HUMAN EYE
SENSITIVITY
KPICB0076EB
s Dark current vs. ambient temperature
KPICB0115EA
s Rise/fall times vs. load resistance
S9066-111
S9067-101
PHOTOSENSITIVE
SURFACE
10˚
10˚
0.25
+0.15
-0.1
1.0
2.0
2.0 (DEPTH 0.15)
ANODE
(ANODE)
NC
CATHODE
Tolerance unless otherwise
noted: ±0.1, ±
Shaded area indicates burr.
Values in parentheses indicate
reference value.
5.2 ± 0.3
(INCLUDIG BURR)
CENTER OF ACTIVE AREA
ACTIVE AREA 0.46 × 0.32
(SPECIFIED AT THE LEAD ROOT)
(2 ×)
1.0
(DEPTH 0.15)
2.5 ± 0.2
5.0
1.27 1.27 1.27
(4 ×) 0.55
(4 ×) 0.45
KPICA0050EE
KPICA0051EC
s Operating circuit example
KPICC0091EB
PHOTODIODE
FOR SIGNAL OFFSET
CATHODE
ANODE
CL
RL
Vout
REVERSE BIAS
POWER SUPPLY
THE DRAWING SURROUNDED
BY THE DOTTED LINE SHOWS
A SCHEMATIC DIAGRAM OF
THE PHOTO IC.
CURRENT AMP
(APPROX. 30000 times)
PHOTODIODE
FOR SIGNAL DETECTION
INTERNAL PROTECTION
RESISTANCE
(APPROX. 150
9)
The photo IC diode must be reverse-
biased so that a positive potential
is applied to the cathode.
To eliminate high-frequency
components, we recommend
placing a load capacitance CL in
parallel with load resistance RL as
a low-pass filter.
Cut-off frequency fc =
2
πCLRL
1
.
.
s Linearity (S9066-111)
KPICB0083EB


Similar Part No. - S9066-111

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9066-211SB HAMAMATSU-S9066-211SB_15 Datasheet
205Kb / 9P
   Photo IC diodes
More results

Similar Description - S9066-111

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S9219 HAMAMATSU-S9219 Datasheet
111Kb / 2P
   Si photodiode Spectral response like human eye
S7686 HAMAMATSU-S7686 Datasheet
87Kb / 2P
   Photodiode with sensitivity close to spectral luminous efficiency
S9703 HAMAMATSU-S9703 Datasheet
102Kb / 2P
   Photo IC for laser beam synchronous detection High sensitivity, high-speed response
logo
KODENSHI_AUK CORP.
KOD-1082 KODENSHI-KOD-1082 Datasheet
295Kb / 2P
   Photo diode IC
KOD-2410 KODENSHI-KOD-2410 Datasheet
202Kb / 2P
   Photo diode IC
logo
Hamamatsu Corporation
S10604-200CT HAMAMATSU-S10604-200CT_15 Datasheet
537Kb / 7P
   Photo IC diode
logo
KODENSHI_AUK CORP.
KOD-1017 KODENSHI-KOD-1017 Datasheet
348Kb / 2P
   Photo diode IC
KOD-1016 KODENSHI-KOD-1016 Datasheet
270Kb / 2P
   Photo diode IC
KOD-1086 KODENSHI-KOD-1086 Datasheet
318Kb / 2P
   Photo diode IC
KOD-1081 KODENSHI-KOD-1081 Datasheet
290Kb / 2P
   Photo diode IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com