Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S10141-1107S Datasheet(PDF) 10 Page - Hamamatsu Corporation

Part # S10141-1107S
Description  Low readout noise, high resolution (pixel size: 12 ..m)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMAMATSU [Hamamatsu Corporation]
Direct Link  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation

S10141-1107S Datasheet(HTML) 10 Page - Hamamatsu Corporation

Back Button S10141-1107S Datasheet HTML 5Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 6Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 7Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 8Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 9Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 10Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 11Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 12Page - Hamamatsu Corporation S10141-1107S Datasheet HTML 13Page - Hamamatsu Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
CCD area image sensor
S10140/S10141 series
10
Speci cations of built-in TE-cooler (Typ.)
Pin connections
Parameter
Symbol
Condition
S10141-1007S/-1008S/-1009S
S10141-1107S/-1108S/-1109S
Unit
Internal resistance
Rint
Ta=25 °C
2.5
1.2
Maximum current*19
Imax Tc*20=Th*21=25 °C
1.5
3.0
A
Maximum voltage
Vmax Tc*20=Th*21=25 °C
3.8
3.6
V
Maximum heat absorption*21
Qmax
3.4
5.1
W
Maximum temperature
of heat radiating side
-70
70
°C
*
19: If the current greater than this value ows into the thermoelectric cooler, the heat absorption begins to decrease due to the Joule
heat. It should be noted that this value is not the damage threshold value. To protect the thermoelectric cooler and maintain stable
operation, the supply current should be less than 60 % of this maximum current.
*
20: Temperature of the cooling side of thermoelectric cooler.
*
21: Temperature of the heat radiating side of thermoelectric cooler.
*
22: This is a theoretical heat absorption level that offsets the temperature difference in the thermoelectric cooler when the maximum
current is supplied to the unit.
Pin
No.
S10140 series
S10141 series
Remark
(standard operation)
Symbol
Function
Symbol
Function
1
RD
Reset drain
RD
Reset drain
+12 V
2
OS
Output transistor source
OS
Output transistor source
RL=100 k
3
OD
Output transistor drain
OD
Output transistor drain
+24 V
4
OG
Output gate
OG
Output gate
+3 V
5
SG
Summing gate
SG
Summing gate
Same pulse as P2H
6-
-
7-
-
8
P2H
CCD horizontal register clock-2
P2H
CCD horizontal register clock-2
9
P1H
CCD horizontal register clock-1
P1H
CCD horizontal register clock-1
10
IG2H
Test point (horizontal input gate-2)
IG2H
Test point (horizontal input gate-2)
-8 V
11
IG1H
Test point (horizontal input gate-1)
IG1H
Test point (horizontal input gate-1)
-8 V
12
ISH
Test point (horizontal input source)
ISH
Test point (horizontal input source)
Connect to RD
13
TG*18
Transfer gate
TG*18
Transfer gate
Same pulse as P2V
14
P2V
CCD vertical register clock-2
P2V
CCD vertical register clock-2
15
P1V
CCD vertical register clock-1
P1V
CCD vertical register clock-1
16
-
Th1
Thermistor
17
-
Th2
Thermistor
18
-
P-
TE-cooler-
19
-
P+
TE-cooler+
20
SS
Substrate (GND)
SS
Substrate (GND)
GND
21
ISV
Test point (vertical input source)
ISV
Test point (vertical input source)
Connect to RD
22
IG2V
Test point (vertical input gate-2)
IG2V
Test point (vertical input gate-2)
-8 V
23
IG1V
Test point (vertical input gate-1)
IG1V
Test point (vertical input gate-1)
-8 V
24
RG
Reset gate
RG
Reset gate
*
18: Isolation gate between vertical register and horizontal register. In standard operation, TG should be applied the same pulse as P2V.


Similar Part No. - S10141-1107S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10141-1107S HAMAMATSU-S10141-1107S Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
More results

Similar Description - S10141-1107S

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S10140 HAMAMATSU-S10140 Datasheet
204Kb / 8P
   CCD area image sensor Low readout noise, high resolution (pixel size: 12 關m)
logo
Cypress Semiconductor
IBIS4-6600 CYPRESS-IBIS4-6600 Datasheet
1Mb / 63P
   High resolution 6.6 M Pixel Rolling shutter CMOS Image sensor
logo
Texas Instruments
ADS1192IRSMR TI-ADS1192IRSMR Datasheet
1Mb / 67P
[Old version datasheet]   Two Low-Noise PGAs and Two High-Resolution ADCs (ADS1192)
ADS1194CPAG TI-ADS1194CPAG Datasheet
1Mb / 76P
[Old version datasheet]   Eight Low-Noise PGAs and Eight High-Resolution ADCs (ADS1198)
TFP101 TI1-TFP101_14 Datasheet
547Kb / 21P
[Old version datasheet]   Supports XGA Resolution (Output Pixel Rates Up to 86 MHz)
logo
Cypress Semiconductor
LUPA-1300 CYPRESS-LUPA-1300 Datasheet
631Kb / 48P
   1.3 M Pixel High Speed CMOS Image Sensor
logo
OmniVision Technologies...
OV2744 OMNIVISION-OV2744 Datasheet
631Kb / 2P
   1.4 關m x 1.4 關m pixel
logo
Hamamatsu Corporation
S9970 HAMAMATSU-S9970 Datasheet
298Kb / 10P
   CCD area image sensor Low dark signal 쨌 low readout noise/front-illuminated FFT-CCD
logo
OmniVision Technologies...
OV2740 OMNIVISION-OV2740 Datasheet
4Mb / 2P
   1.4 關m x 1.4 關m pixel
OH01A10 OMNIVISION-OH01A10 Datasheet
679Kb / 2P
   highest resolution in small die size
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com