Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1337 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # Q67100-Q1337
Description  16 MBit Synchronous DRAM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1337 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  Q67100-Q1337 Datasheet HTML 1Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1337 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
HYB 39S16400/800/160AT-8/-10
16 MBit Synchronous DRAM
Semiconductor Group
4
1998-10-01
Signal Pin Description
Pin
Type
Signal Polarity Function
CLK
Input
Pulse
Positive
Edge
The system clock input. All of the SDRAM inputs are
sampled on the rising edge of the clock.
CKE
Input
Level
Active
High
Activates the CLK signal when high and deactivates the
CLK signal when low, thereby initiates either the Power
Down mode, Suspend mode or the Self Refresh mode.
CS
Input
Pulse
Active
Low
CS enables the command decoder when low and disables
the command decoder when high. When the command
decoder is disabled, new commands are ignored but
previous operations continue.
RAS
CAS
WE
Input
Pulse
Active
Low
When sampled at the positive rising edge of the clock,
CAS, RAS and WE define the command to be executed by
the SDRAM.
A0 - A10
Input
Level
During a Bank Activate command cycle, A0 - A10 defines
the row address (RA0 - RA10) when sampled at the rising
clock edge.
During a Read or Write command cycle, A0 - A9 defines
the column address (CA0 - CAn) when sampled at the
rising clock edge. CAn depends from the SDRAM
organisation.
4M
× 4 SDRAM CAn = CA9
2M
× 8 SDRAM CAn = CA8
1M
× 16 SDRAM CAn = CA7
In addition to the column address, A10 is used to invoke
autoprecharge operation at the end of the burst read or
write cycle. If A10 is high, autoprecharge is selected and
A11 defines the bank to be precharged (low = bank A,
high = bank B). If A10 is low, autoprecharge is disabled.
During a Precharge command cycle, A10 is used in
conjunction with A11 to control which bank(s) to
precharge. If A10 is high, both bank A and bank B will be
precharged regardless of the state of A11. If A10 is low,
then A11 is used to define which bank to precharge.
A11 (BS)
Input
Level
Selects which bank is to be active. A11 low selects bank A
and A11 high selects bank B.
DQx
Input
Output
Level
Data Input/Output pins operate in the same manner as on
conventional DRAMs.


Similar Part No. - Q67100-Q1337

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1019 SIEMENS-Q67100-Q1019 Datasheet
136Kb / 9P
   1M x 36-Bit Dynamic RAM Module (2M x 18-Bit Dynamic RAM Module)
Q67100-Q1030 SIEMENS-Q67100-Q1030 Datasheet
931Kb / 24P
   1M x 4-BIT DYNAMIC RAM LOW POWER 1M x 4-BIT DYNAMIC RAM
Q67100-Q1044 SIEMENS-Q67100-Q1044 Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
Q67100-Q1049 SIEMENS-Q67100-Q1049 Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
Q67100-Q1049 SIEMENS-Q67100-Q1049 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - Q67100-Q1337

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB39S16400-1 SIEMENS-HYB39S16400-1 Datasheet
101Kb / 19P
   16 MBit Synchronous DRAM
HYB39S164400 SIEMENS-HYB39S164400 Datasheet
929Kb / 64P
   16 MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S64400CT-7.5 INFINEON-HYB39S64400CT-7.5 Datasheet
402Kb / 52P
   64-MBit Synchronous DRAM
12.99
logo
Qimonda AG
HYB39SC256 QIMONDA-HYB39SC256 Datasheet
1Mb / 24P
   256-MBit Synchronous DRAM
HYB39S512400AT QIMONDA-HYB39S512400AT Datasheet
1Mb / 21P
   512-Mbit Synchronous DRAM
HYB39S128400F QIMONDA-HYB39S128400F Datasheet
1Mb / 21P
   128-MBit Synchronous DRAM
logo
Infineon Technologies A...
HYB39S128400CT INFINEON-HYB39S128400CT Datasheet
470Kb / 51P
   128-MBit Synchronous DRAM
HYB39S512400AT INFINEON-HYB39S512400AT Datasheet
718Kb / 28P
   512-Mbit Synchronous DRAM
Rev. 1.3, 2004-03
logo
Integrated Silicon Solu...
IS42S16160B-6BL ISSI-IS42S16160B-6BL Datasheet
768Kb / 62P
   256-MBIT SYNCHRONOUS DRAM
IS42R83200D ISSI-IS42R83200D Datasheet
1Mb / 62P
   256-MBIT SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com