Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1087 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # Q67100-Q1087
Description  4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1087 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

Back Button Q67100-Q1087 Datasheet HTML 2Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 3Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 4Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 5Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 10Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Semiconductor Group
6
HYB 5117400BJ/BT-50/-60/-70
4M x 4-DRAM
Average
VCC supply current,
during fast page mode:
-50 ns version
-60 ns version
-70 ns version
(RAS =
V
IL, CAS, address cycling:tPC = tPC min.)
ICC4
40
35
30
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
VCC supply current
(RAS = CAS =
VCC – 0.2 V)
ICC5
–1mA
1)
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
-70 ns version
(RAS, CAS cycling: tRC = tRC min.)
I
CC6
120
110
100
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low,
WE=Vcc-0.2V, Address and Din=Vcc-0.2V or 0.2V)
I
CC7
_1mA
Capacitance
T
A = 0 to 70 °C,VCC = 5 V ± 10 %, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A10)
CI1
–5pF
Input capacitance (RAS, CAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O4)
CIO
–7pF
DC Characteristics (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 5 V ± 10 %; tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - Q67100-Q1087

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1087 SIEMENS-Q67100-Q1087 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - Q67100-Q1087

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com