Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q67100-Q1087 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # Q67100-Q1087
Description  4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67100-Q1087 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button Q67100-Q1087 Datasheet HTML 6Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 7Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 8Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 9Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 10Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 11Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 12Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 13Page - Siemens Semiconductor Group Q67100-Q1087 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Semiconductor Group
10
HYB 5117400BJ/BT-50/-60/-70
4M x 4-DRAM
Notes:
1) All voltages are referenced to VSS.
2) ICC1, ICC3, ICC4 and ICC6 depend on cycle rate.
3) ICC1 and ICC4 depend on output loading. Specified values are measured with the output open.
4) Address can be changed once or less while RAS = VIL. In the case of ICC4 it can be changed once or less
during a fast page mode cycle (tPC).
5) An initial pause of 200
µs is required after power-up followed by 8 RAS cycles of which at least one cycle has
to be a refresh cycle, before proper device operation is achieved. In case of using internal refresh counter, a
minimum of 8 CAS-before-RAS initialization cycles instead of 8 RAS cycles are required.
6) AC measurements assume tT = 5 ns.
7) VIH (min.) and VIL (max.) are reference levels for measuring timing of input signals. Transition times are also
measured between VIH and VIL.
8) Measured with a load equivalent to 2 TTL loads and 100 pF.
9) Operation within the tRCD (max.) limit ensures that tRAC (max.) can be met. tRCD (max.) is specified as a
reference point only: If tRCD is greater than the specified tRCD (max.) limit, then access time is controlled by
tCAC.
10)Operation within the tRAD (max.) limit ensures that tRAC (max.) can be met. tRAD (max.) is specified as a
reference point only: If tRAD is greater than the specified tRAD (max.) limit, then access time is controlled by
tAA.
11)Either tRCH or tRRH must be satisfied for a read cycle.
12)tOFF (max.) and tOEZ (max.) define the time at which the outputs achieve the open-circuit condition and are
not referenced to output voltage levels.
13)Either tDZC or tDZO must be satisfied.
14)Either tCDD or tODD must be satisfied.
15)tWCS, tRWD, tCWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data
sheet as electrical characteristics only. If tWCS > tWCS (min.), the cycle is an early write cycle and the I/O pin
will remain open-circuit (high impedance) through the entire cycle; if tRWD > tRWD (min.), tCWD > tCWD
(min.), tAWD > tAWD (min.) and tCPWD > tCPWD (min.) , the cycle is a read-write cycle and I/O pins will
contain data read from the selected cells. If neither of the above sets of conditions is satisfied, the condition of
the I/O pins (at access time) is indeterminate.
16)These parameters are referenced to the CAS leading edge in early write cycles and to the WE leading edge
in read-write cycles.
17)When using Self Refresh mode, the following refresh operations must be performed to ensure proper DRAM
operation:
If row addresses are being refreshed on an evenly distributed manner over the refresh interval using CBR
refresh cycles, then only one CBR cycle must be performed immediately after exit from Self Refresh.
If row addresses are being refreshed in any other manner (ROR - Distributed/Burst; or CBR-Burst) over the
refresh interval, then a full set of row refreshes must be performed immediately before entry to and immediately
after exit from Self Refresh.


Similar Part No. - Q67100-Q1087

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67100-Q1087 SIEMENS-Q67100-Q1087 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - Q67100-Q1087

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com