Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7381P Datasheet(PDF) 4 Page - Analog Power

Part # AM7381P
Description  P-Channel 80-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7381P Datasheet(HTML) 4 Page - Analog Power

  AM7381P Datasheet HTML 1Page - Analog Power AM7381P Datasheet HTML 2Page - Analog Power AM7381P Datasheet HTML 3Page - Analog Power AM7381P Datasheet HTML 4Page - Analog Power AM7381P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Analog Power
AM7381P
7. Gate Charge
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
Typical Electrical Characteristics
8. Normalized On-Resistance Vs
Junction Temperature
11. Normalized Thermal Transient Junction to Ambient
0
1
2
3
4
5
6
7
8
9
10
0
10
20
30
Qg - Total Gate Charge (nC)
ID = -3.4A
VDS = -40V
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS Drain to Source Voltage (V)
10 uS
100 uS
1 mS
10 mS
100 mS
1 SEC
10 SEC
100 SEC
DC
Idm limit
Limited by
RDS
1
0
20
40
60
80
100
120
140
160
180
0.001
0.01
0.1
1
10
100
1000
t1 TIME (SEC)
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1 TIME (sec)
RθJA(t) = r(t) + RθJA
RθJA = 81°C /W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
0.2
0.1
0.05
0.02
P(pk)
t1
t2
D = 0.5
Single Pulse
0.5
1
1.5
2
2.5
-50
-25
0
25
50
75
100
125
150
TJ -JunctionTemperature(°C)
© Preliminary
4
Publication Order Number:
DS_AM7381P_1A


Similar Part No. - AM7381P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7380N ANALOGPOWER-AM7380N Datasheet
73Kb / 3P
   N-Channel 80-V (D-S) MOSFET
AM7382N ANALOGPOWER-AM7382N Datasheet
399Kb / 5P
   N-Channel 80-V (D-S) MOSFET
More results

Similar Description - AM7381P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
   P-Channel 80-V (D-S) MOSFET
Rev. D, 02-Feb-09
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2337DS VISHAY-SI2337DS Datasheet
202Kb / 3P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 31-Oct-05
logo
Analog Power
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
   P-Channel 80-V (D-S) MOSFET
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. C, 30-Jul-07
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com