Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1747-70IND+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS1747-70IND+
Description  Y2K-Compliant, Nonvolatile Timekeeping RAMs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1747-70IND+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS1747-70IND+ Datasheet HTML 1Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 2Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 3Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 4Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 5Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 6Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 7Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 8Page - Maxim Integrated Products DS1747-70IND+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1 of 16
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here:
www.maxim-ic.com/errata.
FEATURES
Integrated NV SRAM, Real-Time Clock
(RTC), Crystal, Power-Fail Control
Circuit, and Lithium Energy Source
Clock Registers are Accessed Identically to
the Static RAM. These Registers are
Resident in the Eight Top RAM Locations
Century Byte Register (Y2K Compliant)
Totally Nonvolatile with Over 10 Years of
Operation in the Absence of Power
BCD-Coded Century, Year, Month, Date,
Day, Hours, Minutes, and Seconds with
Automatic Leap Year Compensation Valid
Up to the Year 2100
Battery Voltage-Level Indicator Flag
Power-Fail Write Protection Allows for
±10% VCC Power-Supply Tolerance
Lithium Energy Source is Electrically
Disconnected to Retain Freshness Until
Power is Applied for the First Time
DIP Module Only:
Standard JEDEC Byte-Wide 512k x 8 Static
RAM Pinout
PowerCap Module Board Only:
Surface-Mountable Package for Direct
Connection to PowerCap Containing
Battery and Crystal
Replaceable Battery (PowerCap)
Power-On Reset Output
Pin-for-Pin Compatible with Other Densities
of DS174xP Timekeeping RAM
Also Available in Industrial Temperature
Range: -40°C to +85°C
PIN CONFIGURATIONS
19-5504; Rev 3/12
DS1747/DS1747P
Y2K-Compliant, Nonvolatile Timekeeping RAMs
A17
A18
13
1
2
3
4
5
6
7
8
9
10
11
12
14
31
Encapsulated DIP
(512k x 8)
A14
A7
A5
A4
A3
A2
A1
A0
DQ1
DQ0
VCC
A15
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ5
DQ6
32
30
29
28
27
26
25
24
23
22
21
19
20
A16
A12
A6
DQ2
GND
15
16
18
17
DQ4
DQ3
Maxim
DS1747
1
N.C.
2
3
A15
A16
RST
VCC
WE
OE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
GND
4
5
6
7
8
9
10
11
12
13
14
15
16
17
A17
A14
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
34
A18
X1
GND VBAT
X2
PowerCap Module Board
(Uses DS9034PCX+ or DS9034I-PCX+ PowerCap)
Maxim
DS1747P
TOP VIEW


Similar Part No. - DS1747-70IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1747-70IND++ MAXIM-DS1747-70IND+ Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
More results

Similar Description - DS1747-70IND+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1744_1203 MAXIM-DS1744_1203 Datasheet
583Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
logo
Dallas Semiconductor
DS1747 DALLAS-DS1747 Datasheet
340Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
ARTSCHIP ELECTRONICS CO...
DS1744 ARTSCHIP-DS1744 Datasheet
413Kb / 19P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1743 MAXIM-DS1743_V01 Datasheet
441Kb / 17P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
196719 ; Rev 9 / 13
logo
Dallas Semiconductor
DS1746 DALLAS-DS1746 Datasheet
453Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
DS1744 DALLAS-DS1744 Datasheet
348Kb / 18P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
logo
Maxim Integrated Produc...
DS1746 MAXIM-DS1746_12 Datasheet
529Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 3/12
DS1747 MAXIM-DS1747_10 Datasheet
213Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5504; Rev 9/10
DS1744 MAXIM-DS1744_10 Datasheet
190Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
19-5502; Rev 9/10
DS1746 MAXIM-DS1746_10 Datasheet
146Kb / 16P
   Y2K-Compliant, Nonvolatile Timekeeping RAMs
Rev 9/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com