Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1302 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1302
Description  8-Channel, ±VREF Multirange Inputs, Serial 16-Bit ADC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1302 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1302_12 Datasheet HTML 5Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 6Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 7Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 8Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 9Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 10Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 11Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 12Page - Maxim Integrated Products MAX1302_12 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
8-Channel, ±VREF Multirange Inputs,
Serial 16-Bit ADC
_______________________________________________________________________________________
9
EXTERNAL REFERENCE INPUT CURRENT
vs. EXTERNAL REFERENCE INPUT VOLTAGE
EXTERNAL REFERENCE VOLTAGE (V)
4.10
4.05
4.00
3.95
3.90
3.85
0.13
0.14
0.15
0.16
0.12
3.80
4.15
ALL MODES
-0.10
-0.04
-0.06
-0.08
-0.02
0
0.02
0.04
0.06
0.08
0.10
-40
10
-15
35
60
85
GAIN DRIFT
vs. TEMPERATURE
TEMPERATURE (
°C)
+VREF/2 BIPOLAR
±VREF BIPOLAR RANGE
±VREF/4 BIPOLAR
-1.0
-0.4
-0.6
-0.8
-0.2
0
0.2
0.4
0.6
0.8
1.0
-40
10
-15
356085
OFFSET DRIFT
vs. TEMPERATURE
TEMPERATURE (
°C)
+VREF/4 BIPOLAR RANGE
±VREF BIPOLAR
CHANNEL-TO-CHANNEL ISOLATION
vs. INPUT FREQUENCY
FREQUENCY (kHz)
1000
100
10
-100
-80
-60
-40
-20
0
-120
1
10,000
fSAMPLE = 115ksps
±VREF BIPOLAR RANGE
CH0 TO CH2
COMMON-MODE REJECTION RATIO
vs. FREQUENCY
FREQUENCY (kHz)
1000
100
10
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-100
1
10,000
fSAMPLE = 115ksps
±VREF BIPOLAR RANGE
-2.0
-1.0
-1.5
0
-0.5
0.5
1.0
1.5
2.0
0
16,384
32,768
49,152
65,535
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
fSAMPLE = 115ksps
±VREF BIPOLAR RANGE
-2.0
-1.0
-1.5
0
-0.5
0.5
1.0
1.5
2.0
0
16,384
32,768
49,152
65,535
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
fSAMPLE = 115ksps
±VREF BIPOLAR RANGE
-140
-60
-100
-120
-40
-80
-20
0
020
10
30
40
50
FFT AT 5kHz
TEMPERATURE (
°C)
fSAMPLE = 115ksps
fIN(SINE WAVE) = 5kHz
±VREF BIPOLAR RANGE
100
0
1
100
1000
SNR, SINAD, ENOB
vs. ANALOG INPUT FREQUENCY
30
70
40
80
50
90
20
10
60
MAX1302 toc20
FREQUENCY (kHz)
10
fSAMPLE = 115ksps
±VREF BIPOLAR RANGE
ENOB
SNR
SINAD
Typical Operating Characteristics (continued)
(VAVDD1 = VAVDD2 = VDVDD = VDVDDO = 5V, VAGND1 = VDGND = VDGNDO = VAGND2 = VAGND3 = 0V, fCLK = 3.5MHz (50% duty
cycle), external clock mode, VREF = 4.096V (external reference operation), REFCAP = AVDD1, maximum single-ended bipolar input
range (±VREF), CDOUT = 50pF, CSSTRB = 50pF, unless otherwise noted.)


Similar Part No. - MAX1302_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13020 MAXIM-MAX13020 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020ASA++ MAXIM-MAX13020ASA+ Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13020 MAXIM-MAX13020_12 Datasheet
308Kb / 16P
   ±60V Fault-Protected LIN Transceivers
Rev 2; 10/12
MAX13021 MAXIM-MAX13021 Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
MAX13021ASA++ MAXIM-MAX13021ASA+ Datasheet
373Kb / 15P
   ±60V Fault-Protected LIN Transceivers
Rev 1; 6/06
More results

Similar Description - MAX1302_12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1303 MAXIM-MAX1303_12 Datasheet
509Kb / 29P
   4-Channel, ±VREF Multirange Inputs,Serial 16-Bit ADC
Rev 2; 3/12
MAX1302 MAXIM-MAX1302 Datasheet
1Mb / 31P
   8-/4-Channel, VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 0; 5/05
MAX1034 MAXIM-MAX1034_12 Datasheet
431Kb / 31P
   8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 2; 3/12
MAX1300 MAXIM-MAX1300_10 Datasheet
1,017Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
Rev 2; 6/10
MAX1300 MAXIM-MAX1300_V01 Datasheet
2Mb / 31P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 16-Bit ADCs
2011
MAX1032_1112 MAXIM-MAX1032_1112 Datasheet
1Mb / 32P
   8- and 4-Channel, 3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 5; 12/11
MAX1032 MAXIM-MAX1032_11 Datasheet
859Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 4; 8/11
MAX1032 MAXIM-MAX1032_V01 Datasheet
904Kb / 32P
   8- and 4-Channel, 짹3 x VREF Multirange Inputs, Serial 14-Bit ADCs
2013
MAX1300 MAXIM-MAX1300 Datasheet
977Kb / 31P
   8-/4-Channel, 12V Multirange Inputs, Serial 16-Bit ADCs
Rev 1; 11/06
MAX1034 MAXIM-MAX1034 Datasheet
832Kb / 31P
   8-/4-Channel, 짹VREF Multirange Inputs, Serial 14-Bit ADCs
Rev 0; 5/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com