Electronic Components Datasheet Search |
|
ANCA-E1 Datasheet(PDF) 2 Page - Arch Electronics Corp. |
|
ANCA-E1 Datasheet(HTML) 2 Page - Arch Electronics Corp. |
2 / 4 page VER : D_1 update : 2012.03.14 AC-DC Power Module ANC A-E1 SERIES 15 Watts http://www.archcorp.com.tw TEL: +886-2-26989508 FAX: +886-2-26981319 -2- ELECTRICAL SPECIFICATIONS Model No. ( Dual、Triple Output ) ANC-5D A -E1 ANC-12D A -E1 ANC-15D A -E1 ANC-5S12D A -E1 ANC-5S15D A -E1 Max Output Wattage (W) 15W 15W 15W 15W 15W Voltage 90-264 VAC or 120-370 VDC Frequency (Hz) 47-440 Hz Current (Full load) 310 mA max. (115 VAC) / 170 mA max. (230 VAC) Inrush Current (<2ms) 23 A max. (115 VAC) / 46 A max. (230 VAC) Leakage Current 0.75 mA max. Input External Fuse (recommend) 1.5 A slow blow type Voltage (V.DC.) ±5V ±12V ±15V 5/±12 5/±15 Voltage Accuracy ±5% ±3% Current (mA) max ±1500 ±650 ±500 2000/±200 2000/±150 Line Regulation (LL-HL) (typ.) ±0.5% ±1% / ±5% Load Regulation (5-100%) (typ.) ±3% ±2% / ±5% Minimum Load 0% 5V 10% (200 mA) Maximum Capacitive Load ±13500 uF ±2700 uF ±1400 uF 14000 / ±900 uF 14000 / ±680 uF Ripple <0.2% Vout +40mV max (Vp-p) Noise <0.5% Vout +50mV max (Vp-p) Efficiency 76% 79% 77% 73% 73% Hold-up Time 15 ms min. Output Switching Frequency 100 kHz Over Power Protection Hiccup technique, auto-recovery Over Voltage Protection Zener diode clamp Protection Short Circuit Protection Hiccup mode, indefinite (automatic recovery) Input-Output (V.AC) 3000V Input-FG (V.AC) 1500V Isolation Output-FG (V.AC) 500V Operating Temperature -40°C…+70°C (with derating) Storage Temperature -40°C…+85°C Temperature Coefficient ±0.02%/°C Humidity 95% RH Environment MTBF >200,000 h @ 25°C (MIL-HDBK-217F) Dimension (L x W x H) 2.91 x 2.13 x 0.87 Inches ( 74.0 x 54.0 x 22.0 mm ) Tolerance ±0.5 mm Case Material Plastic resin with Fiberglass (flammability to UL 94V-0) Weight 114 g Physical Cooling Method Free air convection Safety Agency Approvals UL/cUL, CE, TUV EMI (Conducted & Radiated Emission) EN 55022 class B EMC EMS (Noise Immunity) EN 55024 1.All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated. 2.Ripple & Noise are measured at 20MHz of bandwidth with 0.1UF & 47UF parallel capacitor. |
Similar Part No. - ANCA-E1 |
|
Similar Description - ANCA-E1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |