Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQF360U-24S Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # AQF360U-24S
Description  AC-DC Switching Power Supply
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQF360U-24S Datasheet(HTML) 3 Page - Arch Electronics Corp.

  AQF360U-24S Datasheet HTML 1Page - Arch Electronics Corp. AQF360U-24S Datasheet HTML 2Page - Arch Electronics Corp. AQF360U-24S Datasheet HTML 3Page - Arch Electronics Corp. AQF360U-24S Datasheet HTML 4Page - Arch Electronics Corp. AQF360U-24S Datasheet HTML 5Page - Arch Electronics Corp. AQF360U-24S Datasheet HTML 6Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VER : C_2
update : 2012.05.03
AC-DC Switching Power Supply
AQF360U SERIES
360 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
( Top View )
Standard
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4~6
+DC OUT
7~9
-DC OUT
FAN
WAFER(2.5)
A Type
PIN#
SINGLE
1
FG
2
AC IN (N)
3
AC IN (L)
4~9
+DC OUT
10~15
-DC OUT
FAN
WAFER(2.5)
ASSEMBLY INSTRUCTIONS
*U Case
T=3.0mm
Customer screws into the length of the case no higher than 0.5mm
(Namely screw length for load plate thickness plus 3.5mm


Similar Part No. - AQF360U-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQF360U-24S ARCH-AQF360U-24S Datasheet
345Kb / 5P
   AC-DC Switching Power Supply
AQF360U-24S ARCH-AQF360U-24S Datasheet
285Kb / 6P
   AC-DC Switching Power Supply
More results

Similar Description - AQF360U-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com