Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQFC480F Datasheet(PDF) 1 Page - Arch Electronics Corp.

Part # AQFC480F
Description  AC-DC Switching Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQFC480F Datasheet(HTML) 1 Page - Arch Electronics Corp.

  AQFC480F Datasheet HTML 1Page - Arch Electronics Corp. AQFC480F Datasheet HTML 2Page - Arch Electronics Corp. AQFC480F Datasheet HTML 3Page - Arch Electronics Corp. AQFC480F Datasheet HTML 4Page - Arch Electronics Corp. AQFC480F Datasheet HTML 5Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VER : B_3
update : 2012.05.03
AC-DC Switching Power Supply
AQFC480F SERIES (CC Mode)
480 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-1-
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.
ELECTRICAL SPECIFICATIONS
Model No.
AQFC480E-12S
AQFC480E-24S
AQFC480E-36S
AQFC480E-48S
Max Output Wattage
(W)
480W
Voltage
90-264 VAC or 120-370 VDC
Frequency (Hz)
47-63 Hz
Current (Full load)
< 5.5 A max. (115 VAC) / < 3.0 A max. (230 VAC)
Inrush Current (<2ms)
< 50 A max. (115 VAC) / < 70 A max. (230 VAC)
Leakage Current
< 0.5 mA max.(240VAC 63Hz)
Input
Power Factor
PF>0.95 (115 VAC) / PF>0.90 (230 VAC) at Full Load
Voltage (V.DC.)
12V
24V
36V
48V
Constant Current Range (.VDC)
10 ~ 13.2V
20 ~ 26.4V
26 ~ 36V
30 ~ 50.4V
Current Adj. Range (A) max
5 ~ 40
4 ~ 20
3 ~ 13.33
3 ~ 10
Minimum Load
5%
Maximum Capacitive Load
180000 uF
75000 uF
50000 uF
25000 uF
Ripple & Noise (max.)
100mVp-p
200mVp-p
200mVp-p
300mVp-p
Vin:115(V.AC)
85%
87%
89%
88%
Efficiency (%.)
Vin:230(V.AC)
88%
90%
92%
91%
Hold-up Time
10 ms min.
Output
Switching Frequency
62.5 kHz ±10%
Over Power Protection
Auto recovery
Over Voltage Protection
Auto recovery
Over Temperature
Auto recovery
Protection
Short Circuit Protection
Auto-recovery
Input-Output (V.AC)
3000V
Input-FG
(V.AC)
1500V
Isolation
Output-FG
.(V.AC)
500V
5V Stand by
5VSB: 5V@0.6A ; Tolerance
±10% , Ripple & Noise: 100m Vp-p (max.)
Remote Control
+RC / -RC: Power ON=open ; Power OFF=short
Function
FAN Control
12VDC / 0.5A max.
KEY FEATURES
Enclosed Switching Power Supply
Universal Input: 90-264 VAC
Active P.F.C. Function, PF>0.95
Cooling by Built-in DC FAN
Protections: Over Load / Over Voltage /
Over Temperature / Short Circuit
.All by Auto-recovery
Built-in Remote ON/OFF Control
Stand by 5V @ 0.6A
High Efficiency up to 92%
Ultra Compact Size: 7.98 x 4.2 x 1.78 Inches
3-Years Product Warranty
Standard
A Type


Similar Part No. - AQFC480F

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFC480F-12S ARCH-AQFC480F-12S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-24S ARCH-AQFC480F-24S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-36S ARCH-AQFC480F-36S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F-48S ARCH-AQFC480F-48S Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
More results

Similar Description - AQFC480F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com