Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQFV480F Datasheet(PDF) 2 Page - Arch Electronics Corp.

Part # AQFV480F
Description  AC-DC Switching Power Supply
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQFV480F Datasheet(HTML) 2 Page - Arch Electronics Corp.

  AQFV480F Datasheet HTML 1Page - Arch Electronics Corp. AQFV480F Datasheet HTML 2Page - Arch Electronics Corp. AQFV480F Datasheet HTML 3Page - Arch Electronics Corp. AQFV480F Datasheet HTML 4Page - Arch Electronics Corp. AQFV480F Datasheet HTML 5Page - Arch Electronics Corp. AQFV480F Datasheet HTML 6Page - Arch Electronics Corp. AQFV480F Datasheet HTML 7Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VER : B_3
update : 2012.05.03
AC-DC Switching Power Supply
AQFV480F SERIES (CV Mode)
480 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-2-
ELECTRICAL SPECIFICATIONS
Model No.
AQFV480F-12S
AQFV480F-24S
AQFV480F-36S
AQFV480F-48S
5V Stand by
5VSB: 5V@0.6A ; Tolerance
±10% , Ripple & Noise: 100m Vp-p (max.)
DC OK Signal
Turn ON: 4~6V ; Turn OFF: 0~1V
Remote Control
+RC / -RC: Power ON=open ; Power OFF=short
Function
FAN Control
12VDC / 0.5A max.
Operating Temperature
-20°C…+70°C (with derating)
Storage Temperature
-25°C…+85°C
Temperature Coefficient
±0.03%/°C ( 0~50°C )
Humidity
95% RH
MTBF
>100,000 h @ 25°C (MIL-HDBK-217F)
Environment
Vibration
10~500Hz, 2G 10min./1cycle, 60min. each along X, Y, Z axes.
Dimension (L x W x H)
7.98 x 4.2 x 1.78 Inches
(202.8 x 106.5 x 45.0 mm ) Tolerance
±0.5 mm
Physical
Weight
1050 g
Safety
Agency Approvals
UL60950-1, CE(Surge:4KV)
EMI (Conducted & Radiated Emission)
EN 55022 class B
EMC
EMS (Noise Immunity)
EN 55024
BLOCK DIAGRAM
DERATING
1. All specifications valid at normal input voltage, full load and +25°C after warm-up time unless otherwise stated.
2. Ripple & Noise are measured at 20MHz of bandwidth with 0.1uF & 47uF parallel capacitor.


Similar Part No. - AQFV480F

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFV480F-12S ARCH-AQFV480F-12S Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
AQFV480F-24S ARCH-AQFV480F-24S Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
AQFV480F-36S ARCH-AQFV480F-36S Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
AQFV480F-48S ARCH-AQFV480F-48S Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
More results

Similar Description - AQFV480F

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com