Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQFV480U-24S Datasheet(PDF) 8 Page - Arch Electronics Corp.

Part # AQFV480U-24S
Description  AC-DC Switching Power Supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

AQFV480U-24S Datasheet(HTML) 8 Page - Arch Electronics Corp.

  AQFV480U-24S Datasheet HTML 1Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 2Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 3Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 4Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 5Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 6Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 7Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 8Page - Arch Electronics Corp. AQFV480U-24S Datasheet HTML 9Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
VER : B_3
update : 2012.05.03
AC-DC Switching Power Supply
AQFV480U SERIES (CV Mode)
480 Watts
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-8-
EFFICIENCY VERSUS LOAD (with 18CFM FAN)
AQFV480U-12S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
83.90
86.17
88.12
88.97
89.15
Load (%)
0
10
20
30
40
50
115V (%)
0
80.55
87.57
89.04
88.85
88.71
230V (%)
0
79.24
87.06
89.66
90.39
90.81
Load (%)
60
70
80
90
100
115V (%)
88.59
88.16
87.53
86.93
86.17
230V (%)
90.62
90.38
89.98
89.55
88.97
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
90V
115V
180V
230V
264V
VIN
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD
AQFV480U-24S
VIN
VS
Efficiency
LOAD
VS
Efficiency
Input Voltage (V)
90
115
180
230
264
Efficiency
(%)
86.51
88.60
90.58
91.32
91.56
Load (%)
0
10
20
30
40
50
115V (%)
0
83.91
89.22
90.81
90.61
90.53
230V (%)
0
81.02
88.37
91.11
91.72
92.35
Load (%)
60
70
80
90
100
115V (%)
90.36
89.66
89.56
89.10
88.60
230V (%)
92.48
92.36
92.23
91.74
91.32
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
90V
115V
180V
230V
264V
VIN
55.00%
60.00%
65.00%
70.00%
75.00%
80.00%
85.00%
90.00%
95.00%
100.00%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
LOAD


Similar Part No. - AQFV480U-24S

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
AQFV480U-24S ARCH-AQFV480U-24S Datasheet
437Kb / 9P
   AC-DC Switching Power Supply
More results

Similar Description - AQFV480U-24S

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
PSRL5016X4 WALL-PSRL5016X4 Datasheet
350Kb / 3P
   AC/DC Switching Power Supply
PSAK200 WALL-PSAK200 Datasheet
111Kb / 3P
   AC/DC Switching Power Supply
PSPSD-20 WALL-PSPSD-20 Datasheet
179Kb / 5P
   AC/DC Switching Power Supply
PSAK1000 WALL-PSAK1000 Datasheet
339Kb / 6P
   AC/DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0603D ULC-RL0603D Datasheet
186Kb / 3P
   AC-DC SWITCHING POWER SUPPLY
logo
Arch Electronics Corp.
AQF360E ARCH-AQF360E_16 Datasheet
257Kb / 6P
   AC-DC Switching Power Supply
AQF360F ARCH-AQF360F_16 Datasheet
247Kb / 6P
   AC-DC Switching Power Supply
AQF500 ARCH-AQF500_16 Datasheet
322Kb / 6P
   AC-DC Switching Power Supply
AQFC480F ARCH-AQFC480F_16 Datasheet
337Kb / 5P
   AC-DC Switching Power Supply
AQFV480F ARCH-AQFV480F_16 Datasheet
377Kb / 7P
   AC-DC Switching Power Supply
logo
ULTRA LEVEL TECH CO., L...
RL0601 ULC-RL0601 Datasheet
426Kb / 4P
   AC-DC SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com