Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZP53QG Datasheet(PDF) 3 Page - Arizona Microtek, Inc

Part # AZP53QG
Description  Low Phase Noise Sine Wave/CMOS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP53QG Datasheet(HTML) 3 Page - Arizona Microtek, Inc

  AZP53QG Datasheet HTML 1Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 2Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 3Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 4Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 5Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 6Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 7Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 8Page - Arizona Microtek, Inc AZP53QG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Arizona Microtek, Inc.
AZP53
Low Phase Noise Sine Wave/CMOS
to LVPECL Buffer/Divider
www.azmicrotek.com
+1-480-962-5881
3
Request a Sample
May 2012, Rev 2.1
ENGINEERING NOTES
FUNCTIONALITY
The AZP53 is one of a family of parts that provide options of fixed ÷1, fixed ÷2 and selectable ÷1, ÷2 modes as well as
active high enable or active low enable to oscillator designers. Table 2 details the differences between the parts to assist
designers in selecting the optimal part for their design.
Table 3 lists the specific AZP53 functional operation.
Figure 2 plots the S-parameters of the D input. S-parameter and IBIS model files for the AZP53 are also available for
download.
Table 2 - AZP51-54 & AZP63 Family
Part Number
Divide Ratio
EN Logic
EN pull-
up/pull-down
Bandwidth
AZP51
÷1
active HIGH
Pull-up
> 800MHz
AZP52
÷2
active HIGH
Pull-up
> 800MHz
AZP53
Selectable ÷1 or ÷2
selectable
selectable
> 800MHz
AZP54
÷1
active LOW
Pull-down
> 800MHz
AZP63
Selectable ÷1 or ÷2
selectable
selectable
≥ 1GHz
Table 3 - AZP53 Functional Operation, ÷1 mode
Inputs
Outputs
Part Number
EN_SEL
EN
D
Q
Q
AZP53
High, NC1
Low, NC1
Low
Low
High
High High
Low
High
X2
Z3
Z3
Low
High, NC1
Low
Low
High
High High
Low
Low
X2
Z3
Z3
DIV_SEL
Divide Ratio
Low, NC1
÷1
High
÷2
1 Not connected
2 Don't care
3 Tri-State


Similar Part No. - AZP53QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP53QG AZM-AZP53QG Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
More results

Similar Description - AZP53QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP52 AZM-AZP52_13 Datasheet
483Kb / 9P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP54 AZM-AZP54 Datasheet
500Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP52 AZM-AZP52 Datasheet
502Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP63 AZM-AZP63_13 Datasheet
519Kb / 12P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
AZP63 AZM-AZP63 Datasheet
540Kb / 12P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP53 AZM-AZP53_13 Datasheet
556Kb / 13P
   Low Phase Noise Sine Wave / CMOS to LVPECL Buffer / Translator
logo
Nel Frequency Controls,...
AB-X0A3XX-X NEL-AB-X0A3XX-X Datasheet
155Kb / 3P
   SINE-WAVE UHF, Low Phase Noise XO
logo
Advanced XTAL Products
AXIOM75-25 AXTAL-AXIOM75-25 Datasheet
94Kb / 2P
   Low Phase Noise OCXO with Sine Wave Output
AXIOM75-27 AXTAL-AXIOM75-27 Datasheet
121Kb / 3P
   Low Phase Noise OCXO with Sine Wave Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com