Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZPB70H Datasheet(PDF) 11 Page - Arizona Microtek, Inc

Part # AZPB70H
Description  Programmer Board Kit for AZT70/71
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZPB70H Datasheet(HTML) 11 Page - Arizona Microtek, Inc

Back Button AZPB70H Datasheet HTML 7Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 8Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 9Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 10Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 11Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 12Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 13Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 14Page - Arizona Microtek, Inc AZPB70H Datasheet HTML 15Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Arizona Microtek, Inc.
AZPB70
Programmer Board for AZT70/71
www.azmicrotek.com
+1-480-962-5881
11
Request a Sample
May 2012, Rev 1.2
PROGRAMMING FROM THE SHIFT REGISTER
To initially determine the capacitance value for the desired center frequency of the oscillator one should set the
capacitance of the AZT70/71 directly from the active shift register bits. To accomplish this, the CLK pin is left high after
the last control word bit has been shifted in. Figure 13 shows the control word 11001100100 has been serially entered into
the register. Note that bit0 is the 1
st bit to enter and bit10 is the last. In the AZT70, bit0, bit9 & bit10 do not affect the
capacitance value but still must be included in the serial bit stream. For the shift register, capacitors are selected when bits
are active HIGH.
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
Register data
active when
CLK is high
bit 0
loaded 1st
Figure 13 - Shift register programming
WRITING DATA TO THE EEPROM
Once the desired capacitance value has been determined, the digital control word can be written or re-written into the
EEPROM. By storing the control word in the EEPROM, the customer is prevented from making adjustments from the
factory set programming data. This is accomplished within the AZT70/71 with internal pull-downs on the DA, PV, and
CLK pins. The detailed sequence for writing data to the EEPROM within the AZT70/71 is described in Table 5. Note that
with EEPROM, capacitors are selected when bits are active LOW.
Table 5 – Data writing sequence for EEPROM
Step
Action
1
Determine the desired capacitor control word with the operational power supply voltage and
desired oscillator conditions
2
Set the VDD supply voltage to +5.0V
3
If EEPROM is not already erased, erase EEPROM (see ERASING THE EEPROM)
4
Read the current state of the EEPROM bits (see READING BACK FROM THE EEPROM)
5
Compare the desired control word to the stored EEPROM control word. Count the number of
differences so as to prevent double/redundant writing
6
One bit at a time, load the first desired control word bit (bit selection for EEPROM is active LOW)
7
Set the PV pin to +6V (≥5.6V, ≤6.1V) with the pulse and idle shown in timing diagram (Figure 15)
8
Progress through all necessary control word bits by repeating steps 5 & 6 until all bits are set to the
desired control word.
9
Verify the correct EEPROM contents by reading back the individual bits


Similar Part No. - AZPB70H

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZP51 AZM-AZP51 Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51 AZM-AZP51 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
228Kb / 9P
   Low Phase Noise Sine Wave to LVPECL Buffer/Divider
AZP51SG AZM-AZP51SG Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
AZP51 AZM-AZP51_12 Datasheet
499Kb / 9P
   Low Phase Noise Sine Wave/CMOS to LVPECL Buffer/Divider
More results

Similar Description - AZPB70H

ManufacturerPart #DatasheetDescription
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Schneider Electric
VW3A93120 SCHNEIDER-VW3A93120 Datasheet
72Kb / 1P
   Metal substitution kit for ATV61/71 - to ATV600/900
Jan 13, 2021
logo
Maxim Integrated Produc...
MAXQ30-FPBM-TFP3Q MAXIM-MAXQ30-FPBM-TFP3Q Datasheet
62Kb / 2P
   TFP3 Flash Programmer Board
7/30/2015
MAXQ30-FPBM-TFP3L MAXIM-MAXQ30-FPBM-TFP3L Datasheet
60Kb / 1P
   TFP3 Flash Programmer Board
7/30/2015
logo
Abracon Corporation
ASFLMB-BLANK ABRACON-ASFLMB-BLANK Datasheet
1Mb / 2P
   Programmer for PureSilicon Oscillators
05/16/11
logo
STMicroelectronics
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
logo
Melexis Microelectronic...
PTC04 MELEXIS-PTC04 Datasheet
630Kb / 15P
   Programmer for Melexis PTC Devices
logo
Freescale Semiconductor...
KTPFPGMEVMEUG FREESCALE-KTPFPGMEVMEUG Datasheet
2Mb / 48P
   KITPFPGMEVME Programmer for PF Series Devices
logo
Dallas Semiconductor
DS87000 DALLAS-DS87000 Datasheet
56Kb / 10P
   Microcontroller Programmer
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com