Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZT70QG Datasheet(PDF) 6 Page - Arizona Microtek, Inc

Part # AZT70QG
Description  Programmable Capacitive Tuning IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT70QG Datasheet(HTML) 6 Page - Arizona Microtek, Inc

Back Button AZT70QG Datasheet HTML 2Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 3Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 4Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 5Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 6Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 7Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 8Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 9Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 10Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Arizona Microtek, Inc.
AZT70
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
6
Request a Sample
May 2012, Rev 1.2
Table 4 – Data writing sequence for EEPROM
Step
Action
1
Determine the desired capacitor control word with the operational power supply voltage and
desired oscillator conditions
2
Set the VDD supply voltage to +5.0V
3
If EEPROM is not already erased, erase EEPROM (see ERASING THE EEPROM)
4
Read the current state of the EEPROM bits (see READING BACK FROM THE EEPROM)
5
Compare the desired control word to the stored EEPROM control word. Count the number of
differences so as to prevent double/redundant writing
6
One bit at a time, load the first desired control word bit (bit selection for EEPROM is active LOW)
7
Set the PV pin to +6V (≥5.6V, ≤6.1V) with the pulse and idle shown in timing diagram (Figure 8)
8
Progress through all necessary control word bits by repeating steps 5 & 6 until all bits are set to the
desired control word.
9
Verify the correct EEPROM contents by reading back the individual bits
For an example of writing bits into the EEPROM, suppose the desired capacitance is 3.43pF. The control word becomes
‘00000010100’ (Figure 6). Also suppose the EEPROM bits have been erased and therefore logic high (The AZT70 is
initially shipped in this condition). Since bit0 is the first bit to be loaded, the bit sequence becomes 0-0-1-0-1-0-0-0-0-0-0.
However, as described before, selecting bits for the EEPROM are active LOW, which will invert the logical values in the
sequence to 1-1-0-1-0-1-1-1-1-1-1 (Figure 7). Note the differences between the EEPROM bits and the converted control
word. Since there are 2 differences, two write cycles are required as only 1 bit should be written at a time. Figure 8 shows
the timing for bit2 while Figure 9 shows the timing for bit4.
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
Figure 6 – Desired control word
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
DA
EEPROM
difference
difference
Figure 7 – Converted control word and differences from known EEPROM states


Similar Part No. - AZT70QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71HG AZM-AZT71HG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71HG AZM-AZT71HG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
More results

Similar Description - AZT70QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com