Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZT70QG Datasheet(PDF) 7 Page - Arizona Microtek, Inc

Part # AZT70QG
Description  Programmable Capacitive Tuning IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZT70QG Datasheet(HTML) 7 Page - Arizona Microtek, Inc

Back Button AZT70QG Datasheet HTML 3Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 4Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 5Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 6Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 7Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 8Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 9Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 10Page - Arizona Microtek, Inc AZT70QG Datasheet HTML 11Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Arizona Microtek, Inc.
AZT70
Programmable Capacitive Tuning IC
www.azmicrotek.com
+1-480-962-5881
7
Request a Sample
May 2012, Rev 1.2
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit 0
loaded 1st
bit 10
loaded last
PV
4µs
min
10ms
min
≥5.6V,
≤6.1V
Figure 8 – First programming cycle to program bit2 into the EEPROM
t
DA
CLK
bit 0
bit 1
bit 2
bit 3
bit 4
bit 5
bit 6
bit 7
bit 8
bit 9
bit 10
bit 0
loaded 1st
bit 10
loaded last
PV
4µs
min
10ms
min
≥5.6V,
≤6.1V
Figure 9 – Second programming cycle to program bit4 into the EEPROM
READING BACK FROM THE EEPROM
During programming, the PV pin is used to program the necessary control bits into the EEPROM. However, it is also used
to read the bits currently programmed into the EEPROM. When the PV pin is not used during programming, the AZT70
provides a weak pull-up and pull-down on the pin. This allows the EEPROM data to be shifted out to the PV pin and read
after the CLK sequence is complete and when the DA & CLK pins are high (Figure 10). Each EEPROM bit is selected by
setting the DA signal low (EEPROM selection is active low) during the CLK sequence. With an external 68kΩ resistor
pull-up to VDD
on the PV pin, a low EEPROM bit produces ≤ 0.4V level while a high EEPROM bit produces a ≥ 0.6*V
DD
level.


Similar Part No. - AZT70QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71HG AZM-AZT71HG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71HG AZM-AZT71HG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
AZT71MG AZM-AZT71MG Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
More results

Similar Description - AZT70QG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZT71_1301 AZM-AZT71_1301 Datasheet
694Kb / 14P
   Programmable Capacitive Tuning IC
AZT71 AZM-AZT71 Datasheet
727Kb / 14P
   Programmable Capacitive Tuning IC
logo
List of Unclassifed Man...
XE2004 ETC1-XE2004 Datasheet
362Kb / 14P
   Programmable low-power capacitive sensor conditioning IC
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Renesas Technology Corp
ZSSC3230 RENESAS-ZSSC3230 Datasheet
1Mb / 39P
   Capacitive Sensor Signal Conditioner IC
logo
Rohm
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
logo
Analog Microelectronics
CAV414 AME-CAV414 Datasheet
70Kb / 6P
   Converter IC for Capacitive Signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com