Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AZV99NBG Datasheet(PDF) 1 Page - Arizona Microtek, Inc

Part # AZV99NBG
Description  PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZV99NBG Datasheet(HTML) 1 Page - Arizona Microtek, Inc

  AZV99NBG Datasheet HTML 1Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 2Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 3Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 4Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 5Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 6Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 7Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 8Page - Arizona Microtek, Inc AZV99NBG Datasheet HTML 9Page - Arizona Microtek, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.azmicrotek.com
1630 S Stapley Dr, Suite 127
+1-480-962-5881
Mesa, AZ 85204 USA
Request a Sample
May 2012, Rev 2.0
DESCRIPTION
The AZV99 is a specialized oscillator gain stage with an LVDS output
buffer including an enable. The selectable enable input allows continuous
oscillator operation by only controlling the QHG /Q
¯ HG outputs.
The AZV99 provides adjustable internal pull-down current sources for the
Q/Q
¯ outputs. Internal input biasing further reduces the number of needed
external components
BLOCK DIAGRAM
FEATURES
• Minimizes External
Components
• Selectable Enable Polarity and
Threshold (CMOS or PECL)
• 3V to 5.5V Power Supply
• Similar Operation as
AZ100LVEL16VT except
with LVDS Outputs
APPLICATIONS
• Crystal or saw oscillators that
require minimal external
components
PACKAGE AVAILABILITY
• MLP8
• MLP16
• MSOP8
Green/RoHS Compliant/Pb-Free
AZV99
PECL/LVDS Oscillator Gain Stage &
Buffer with Selectable Enable
Order Number
Package
Marking
AZV99NG
1
MLP8
V1G <Date Code>
2
AZV99NBG
1
MLP8
V8G <Date Code>
2
AZV99NDG
1
MLP8
V2G <Date Code>
2
AZV99LG
1
MLP16
AZMG <Date Code>
2
AZV99T+
1
MSOP8
AZ+V99
2
1 Tape & Reel - Add 'R1' at end of PN for 7in (1k parts), 'R2' (2.5k) for 13in
2 See www.azmicrotek.com for date code format
www.azmicrotek.com


Similar Part No. - AZV99NBG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99NBG AZM-AZV99NBG Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99NBG AZM-AZV99NBG Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
More results

Similar Description - AZV99NBG

ManufacturerPart #DatasheetDescription
logo
Arizona Microtek, Inc
AZV99 AZM-AZV99 Datasheet
226Kb / 15P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZV99 AZM-AZV99_09 Datasheet
260Kb / 16P
   PECL/LVDS Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR Datasheet
191Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VT AZM-AZ100LVEL16VT Datasheet
215Kb / 13P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ100LVEL16VR AZM-AZ100LVEL16VR_12 Datasheet
739Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
List of Unclassifed Man...
AZ100LVEL16VR ETC-AZ100LVEL16VR Datasheet
178Kb / 6P
   ECL/PECL Oscillator Gain Stage & Buffer with Selectable Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VT AZM-AZ100LVEL16VT_12 Datasheet
486Kb / 9P
   PECL/ECL Oscillator Gain Stage & Buffer with Selectable Enable
AZ10EL16VO AZM-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
List of Unclassifed Man...
AZ10EL16VO ETC2-AZ10EL16VO Datasheet
258Kb / 18P
   ECL/PECL Oscillator Gain Stage and Buffer with Enable
logo
Arizona Microtek, Inc
AZ100LVEL16VV AZM-AZ100LVEL16VV_12 Datasheet
473Kb / 9P
   Dual Frequency PECL/ECL Oscillator Gain Stage & Buffer with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com