Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4122A Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AKD4122A
Description  24-Bit 96kHz SRC with DIR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4122A Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AKD4122A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 12Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 13Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 14Page - Asahi Kasei Microsystems AKD4122A Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
[AK4122A]
MS1076-E-01
2010/05
- 11 -
Parameter
Symbol
min
typ
max
Units
Output for PORT3 (Slave mode)
BICK Period
BICK Pulse Width Low
Pulse Width High
LRCK Edge to BICK “
↑”
(Note 11)
BICK “
↑” to LRCK Edge
(Note 11)
LRCK to SDTO (MSB) (Except I2S mode)
BICK “
↓” to SDTO
tBCK
tBCKL
tBCKH
tLRB
tBLR
tLRS
tBSD
1/64fs
65
65
30
30
30
30
ns
ns
ns
ns
ns
ns
ns
Output for PORT2 (Master mode)
BICK2 Frequency
BICK2 Duty
BICK2 “
↓” to LRCK2
BICK2 “
↓” to SDTIO
fBCK
dBCK
tMBLR
tBSD
−20
−20
64fs
50
20
30
Hz
%
ns
ns
Output for PORT3 (Master mode)
BICK Frequency
BICK Duty
BICK “
↓” to LRCK
BICK “
↓” to SDTO
fBCK
dBCK
tMBLR
tBSD
−20
−20
64fs
50
20
30
Hz
%
ns
ns
Control Interface Timing
CCLK Period
(Note 12)
CCLK Pulse Width Low
Pulse Width High
CDTI Setup Time
CDTI Hold Time
CSN “H” Time
CSN “
↓” to CCLK “↑”
CCLK “
↑” to CSN “↑”
CDTO Delay
CSN “
↑” to CDTO Hi-Z
tCCK
tCCKL
tCCKH
tCDS
tCDH
tCSW
tCSS
tCSH
tDCD
tCCZ
200
80
80
40
40
150
50
50
1000
45
70
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Reset Timing
PDN Pulse Width
(Note 13)
tPD
150
ns
Note 11. BICK rising edge must not occur at the same time as LRCK edge.
Note 12. In case of using INT2. When INT2 is not used, the max value is not limited.
Note 13. The AK4122A can be reset by bringing the PDN pin = “L”.


Similar Part No. - AKD4122A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4122A-A AKM-AKD4122A-A Datasheet
965Kb / 37P
   Evaluation board Rev.0 for AK4122A
More results

Similar Description - AKD4122A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK4122 ETC-AK4122 Datasheet
403Kb / 54P
   24 BIT 96KHZ SRC WITH DIR
logo
Asahi Kasei Microsystem...
AK4122 AKM-AK4122 Datasheet
372Kb / 53P
   24-Bit 96kHz SRC with DIR
AK4122 AKM-AK4122_1 Datasheet
407Kb / 54P
   24-Bit 96kHz SRC with DIR
AK5720 AKM-AK5720 Datasheet
823Kb / 25P
   96kHz 24-Bit ADC
AK4584 AKM-AK4584_01 Datasheet
328Kb / 53P
   24Bit 96kHz Audio CODEC with DIT/DIR
AK4112B AKM-AK4112B Datasheet
334Kb / 30P
   HIGH FEATURE 96kHz 24BIT DIR
AK4112A AKM-AK4112A Datasheet
304Kb / 31P
   High Feature 96kHz 24bit DIR
AK4112B(VM) AKM-AK4112B(VM) Datasheet
353Kb / 31P
   High Feature 96kHz 24bit DIR
AK5358A AKM-AK5358A Datasheet
268Kb / 18P
   96kHz 24-Bit ?誇 ADC
AK4584 AKM-AK4584 Datasheet
316Kb / 53P
   24BIT 96KHZ AUDIO CODEC WITH DIT/DIR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com