Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 35 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 35 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 31Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 32Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 33Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 34Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 35Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 36Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 37Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 38Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 39Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 35 -
Sampling Rate & Sense Channel Control Register (SCC)
Address 0x74 (W/R) Default 0x00
Description
D7
D6
D5
D4
D3
D2
D1
D0
Sampling Rate &
Sense Channel Control
TSR[2]
TSR[1]
TSR[0]
NCH[4]
NCH[3]
NCH[2]
NCH[1]
NCH[0]
Bits
Name
Description
D7-D5
TSR
Measurement Sampling Rate Setting
fs = 4ms x 2TSR (4ms~512ms)
D4-D0
NCH
Measurement Channel Setting
Exclusive control is provided for GPIO enable function (Addr 0x5E).
When a pin has already been selected as GPIO, the sense terminal selection is
invalid. Refer to Table 10 for the selection setting.
TSR can be changed in run mode.
NCH
Sense Setting Terminal
NCH
Sense Setting Terminal
00000
No Selection (Shutdown mode)
01001
CS0 ~ CS8
00001
CS0
01010
CS0 ~ CS9
00010
CS0 ~ CS1
01011
CS0 ~ CS10
00011
CS0 ~ CS2
01100
CS0 ~ CS11
00100
CS0 ~ CS3
01101
CS0 ~ CS12
00101
CS0 ~ CS4
01110
CS0 ~ CS13
00110
CS0 ~ CS5
01111
CS0 ~ CS14
00111
CS0 ~ CS6
01000
CS0 ~ CS7
10000 -
11111
CS0 ~ CS15
Table 10. Sense Setting Terminal


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com