Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4160 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part No. AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AK4160 Datasheet HTML 1Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 5 -
ABSOLUTE MAXIMUM RATINGS
(VSS = 0V (Note 6))
Parameter
Symbol
Min
max
Unit
Power Supply
VDD
-0.3
4.3
V
Input Current Any Pins except for supply
IIN
-
±10
mA
GPIO Source Current per Pin
Isource
-
12
mA
GPIO Sink Current per Pin
Isink
-
1.2
mA
Input Voltage (Note 7)
VIN
-0.3
VDD+0.3 or 4.3
V
Ambient Temperature (power applied)
Ta
-40
85
°C
Storage Temperature
Tstg
-65
150
°C
Note 6. All voltages with respect to ground.
Note 7. For all input pins. The maximum value is smaller value between (VDD+0.3)V and 4.3V.
WARNING: Operation at or beyond these limits may result in permanent damage to the device.
Normal operation is not guaranteed at these extremes.
RECOMMEND OPERATING CONDITIONS
(VSS = 0V (Note 6))
Parameter
Symbol
min
typ
max
Unit
Power Supply
VDD
1.71
1.8
3.6
V
Note 6. All voltages with respect to ground.
WARNING: AKM assumes no responsibility for the usage beyond the conditions in this datasheet.


Similar Part No. - AK4160

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
ACCUTEK MICROCIRCUIT CORPORATION
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
Microchip Technology
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
EM Microelectronic - MARIN SA
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
SMSC Corporation
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz