Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4160 Datasheet(PDF) 14 Page - Asahi Kasei Microsystems

Part # AK4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4160 Datasheet(HTML) 14 Page - Asahi Kasei Microsystems

Back Button AK4160 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4160 Datasheet HTML 18Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 14 -
Digital I/F
The AK4160 is controlled by a microprocessor via I2C bus supporting standard mode (100kHz) and fast mode (400kHz).
Note that the AK4160 operates in those two modes and does not support a High speed mode I2C-bus system (3.4MHz).
The AK4160 can operate as a slave device on the I2C bus network. The digital I/O of AK4160 operates off of supply
voltage down to 1.71V in order to connect a low voltage microprocessor.
Micro-
Processor
(
µP)
I
2C bus
Controller
AK4160
SCL
SDA
Touch Switch
IRQ0N/IRQ1N/IRQ2N
Rp
Rp
VDD=1.71V ~ 3.6V
AD0,AD1
“L” or “H”
Figure 9. Digital I/F
1.
WRITE Operations
Figure 10 shows the data transfer sequence for the I2C-bus mode. All commands are preceded by START condition. A
HIGH to LOW transition on the SDA line while SCL is HIGH indicates START condition (Figure 14). After the START
condition, a slave address is sent. This address is 7 bits long followed by the eighth bit that is a data direction bit (R/W).
The most significant five bits of the slave address are fixed as “10100”. The next bits is AD1 and AD0 (device address bit).
These bits identify the specific device on the bus. The hard-wired input pin (AD0, AD1 pin) set this device address bit
(Figure 11). If the slave address matches that of the AK4160, the AK4160 generates an acknowledge and the operation is
executed. The master must generate the acknowledge-related clock pulse and release the SDA line (HIGH) during the
acknowledge clock pulse (Figure 15). R/W bit value of “1” indicates that the read operation is to be executed. “0”
indicates that the write operation is to be executed.
The second byte consists of the control register address of the AK4160. The format is MSB first, and those most
significant two bits are fixed to zeros (Figure 12). The data after the second byte contains control data. The format is MSB
first, 8bits (Figure 13). The AK4160 generates an acknowledge after each byte is received. A data transfer is always
terminated by STOP condition generated by the master. A LOW to HIGH transition on the SDA line while SCL is HIGH
defines STOP condition (Figure 14).
The AK4160 can perform more than one byte write operation per sequence. After receipt of the third byte the AK4160
generates an acknowledge and awaits the next data. The master can transmit more than one byte instead of terminating the
write cycle after the first data byte is transferred. After receiving each data packet the internal 6-bit address counter is
incremented by one, and the next data is automatically taken into the next address. If the address exceeds “9FH” prior to
generating stop condition, the address counter will “roll over” to 00H and the previous data will be overwritten.
The data on the SDA line must remain stable during the HIGH period of the clock. HIGH or LOW state of the data line
can only change when the clock signal on the SCL line is LOW (Figure 16) except for the START and STOP conditions.


Similar Part No. - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
logo
ACCUTEK MICROCIRCUIT CO...
AK4161024D ACCUTEK-AK4161024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK4161024D ACCUTEK-AK4161024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com