Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4160 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4160
Description  16-channel Capacitive Touch Sensor IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4160 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4160 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4160 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
[AK4160]
MS1313-E-01
2011/11
- 6 -
ANALOG CHARACTERISTICS
(Ta = -40
°C ~ 85°C, VDD = 1.8V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
A/D Converter
Resolution
RESO
-
10
-
Bits
Touch Sensor
Charge Current Variation Against Nominal Value (Note 8)
ICHG
-5
-
5
%
Power Supply Current
Measurement Current (All function in active)
IMEAS
-
0.8
1
mA
Idle Current
IIDLE
-
3
11
uA
Average Supply Current
TSR= 4ms, NCH=16, TCHG=2us, NF1S=4
TSR= 8ms, NCH=16, TCHG=2us, NF1S=4
TSR= 16ms, NCH=16, TCHG=2us, NF1S=4
TSR= 32ms, NCH=16, TCHG=2us, NF1S=4
TSR= 64ms, NCH=16, TCHG=2us, NF1S=4
TSR=128ms, NCH=16, TCHG=2us, NF1S=4
TSR=256ms, NCH=16, TCHG=2us, NF1S=4
TSR=512ms, NCH=16, TCHG=2us, NF1S=4
IDD
-
-
-
-
-
-
-
-
54
29
16
9
6
5
4
3.4
-
-
-
-
-
-
-
-
uA
uA
uA
uA
uA
uA
uA
uA
Shutdown Current NCH=0 (Shutdown Mode)
ISHUT
-
1
9
uA
Note 8. Sense terminal voltage condition: The AD conversion value should be less or equal to VDD-0.2[V].
The charge current is dependent on the operating voltage, and is configured with registers in “0.556 x VDD [uA]”
to “35.028 x VDD [uA]” range.
DC CHARACTERISTICS (Logic I/O)
(Ta = -40
°C ~ 85°C, VDD = 1.71V ~ 3.6V; unless otherwise specified)
Parameter
Symbol
min
typ
max
Unit
Input Leakage Current (Note 9) (Note 10)
IILH
-1.0
-
1.0
uA
Input High Voltage
VIH
0.7xVDD
-
-
V
Input Low Voltage
VIL
-
-
0.3xVDD
V
Output High Voltage (Note 11) (Note 14) Io=-10mA
VOHF1
VDD-0.5
-
-
V
Output High Voltage (Note 11) (Note 15) Io=-3.3mA
VOH1
VDD-0.5
-
-
V
Output Low Voltage (Note 11) (Note 14) Io=1mA
VOLF1
-
-
0.5
V
Output Low Voltage (Note 11) (Note 15) Io=0.33mA
VOL1
-
-
0.5
V
Output High Voltage (Note 12) (Note 14) Io=-6mA
VOHF2
VDD-0.5
-
-
V
Output High Voltage (Note 12) (Note 15) Io=-2mA
VOH2
VDD-0.5
-
-
V
Output Low Voltage (Note 12) (Note 14) Io=6mA
VOLF2
-
-
0.5
V
Output Low Voltage (Note 12) (Note 15) Io=2mA
VOL2
-
-
0.5
V
Output Low Voltage (Note 13) Io=3mA
VOL3
-
-
0.5
V
Pull-up Current (Note 11) (Note 12) (Pull-up Setting)
IPU
5
-
200
uA
Pull-down Current (Note 11) (Note 12) (Pull-down Setting)
IPD
-200
-
-5
uA
Note 9. GPIO0~GPIO7, AD0, AD1, GPIOA~GPIOC, SCL, SDA
Note 10. Except for the RSTN pin. The RSTN pin has an internal pull-up device, normally 100kΩ.
Note 11. GPIO0~GPIO7
Note 12. IRQ0N~IRQ2N
Note 13. SDA
Note 14. Full Drive Operation
Note 15. 1/3 Drive Operation


Similar Part No. - AKD4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4160-A AKM-AKD4160-A Datasheet
715Kb / 37P
   Evaluation board Rev.0 for AK4160
More results

Similar Description - AKD4160

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4161 AKM-AK4161 Datasheet
415Kb / 12P
   6-channel Capacitive Touch Sensor IC
AK4161EN AKM-AK4161EN Datasheet
617Kb / 11P
   6-channel Capacitive Touch Sensor IC
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
logo
Renesas Technology Corp
LDS6200 RENESAS-LDS6200 Datasheet
778Kb / 36P
   PureTouch®* Low Channel Capacitive Touch Sensor IC Family
2011
logo
EM Microelectronic - MA...
EM6420 EMMICRO-EM6420 Datasheet
110Kb / 1P
   Ultra Low Power Capacitive Touch Sensor Interface IC
EM6420 EMMICRO-EM6420_12 Datasheet
849Kb / 54P
   Ultra Low Power Capacitive Touch Sensor Interface IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com