Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4185 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4185
Description  Low Power Touch Screen Controller with SPI??Interface
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4185 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4185 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4185 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
[AK4185]
PIN/FUNCTION
No.
Pin Name
I/O
Function
C2
DIN
I
Serial Data Input
Data is clocked on the rising edge of SCLK. Must keep “L” while not issuing
command.
B2
CSN
I
Chip Select Input
Enables writing data to registers when CSN = “L”.
D1
SCLK
I
Serial Clock Input
A2
VDD
-
Power Supply and External Reference Input: 1.6V ~ 3.6V
XP
I/O
Touch Panel X+ Input (4-wire, PANEL bit = “0”)
A3
BR
I/O
Touch Panel Bottom Right Input (5-wire, PANEL bit = “1”)
YP
I/O
Touch Panel Y+ Input (4-wire, PANEL bit = “0”)
B3
TR
I/O
Touch Panel Top Right Input (5-wire, PANEL bit = “1”)
XN
I/O
Touch Panel X- Input (4-wire, PANEL bit = “0”)
C3
TL
I/O
Touch Panel Top Left Input (5-wire, PANEL bit = “1”)
YN
I/O
Touch Panel Y- Input (4-wire, PANEL bit = “0”)
D3
BL
I/O
Touch Panel Bottom Right Input (5-wire, PANEL bit = “1”)
D2
VSS
-
Ground
IN
I
Auxiliary Analog Input (4-wire, PANEL bit = “0”)
A1
WIPER
I
Top Touch Panel Input (5-wire, PANEL bit = “1”)
B1
PENIRQN
O
Pen Interrupt Output (CMOS output)
The PENIRQN pin is “L” when touch-screen press is detected and CSN = “H”. This
pin is always “H” irrespective of touch-screen press when pen interrupt is not
enabled.
C1
DOUT
O
Serial A/D Data Output
Data is clocked at SCLK falling edge. This pin is Hi-Z when CSN keeps “H”.
Note 1. All digital input pins (DIN, CSN, SCLK) must not be left floating.
MS0954-E-05
2010/10
- 3 -


Similar Part No. - AKD4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4182A-A AKM-AKD4182A-A Datasheet
604Kb / 9P
   touch screen controller
AKD4183 AKM-AKD4183 Datasheet
165Kb / 5P
   touch screen controller
AKD4184 AKM-AKD4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
AKD4184-A AKM-AKD4184-A Datasheet
548Kb / 24P
   Analog I/F IC which includes 4-wire resistive Touch Screen Controller
AKD4184A AKM-AKD4184A Datasheet
626Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results

Similar Description - AKD4185

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4185 AKM-AK4185 Datasheet
579Kb / 27P
   Low Power Touch Screen Controller with SPI??Interface
AK4185 AKM-AK4185 Datasheet
461Kb / 30P
   Low Power Touch Screen Controller with SPI Interface
logo
List of Unclassifed Man...
WTD0001 ETC-WTD0001 Datasheet
88Kb / 4P
   TOUCH SCREEN CONTROLLER (FOR SPI INTERFACE)
logo
Asahi Kasei Microsystem...
AK4186 AKM-AK4186 Datasheet
634Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
AK4186 AKM-AK4186 Datasheet
887Kb / 33P
   Low Power Touch Screen Controller with I2C Interface
logo
Maxim Integrated Produc...
MAX11800 MAXIM-MAX11800_10 Datasheet
899Kb / 57P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 2; 3/10
MAX11800_1010 MAXIM-MAX11800_1010 Datasheet
994Kb / 59P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 3; 10/10
MAX11800 MAXIM-MAX11800 Datasheet
917Kb / 56P
   Low-Power, Ultra-Small Resistive Touch-Screen Controllers with I2C/SPI Interface
Rev 0; 7/09
logo
Burr-Brown (TI)
TSC2005 BURR-BROWN-TSC2005 Datasheet
796Kb / 42P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI Interface
TSC2005 BURR-BROWN-TSC2005_07 Datasheet
768Kb / 44P
   1.6V to 3.6V, 12-Bit, Nanopower, 4-Wire TOUCH SCREEN CONTROLLER with SPI??Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com