Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4204 Datasheet(PDF) 8 Page - Asahi Kasei Microsystems

Part # AKD4204
Description  Stereo Cap-less LINE-Amp and Video-Amp
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4204 Datasheet(HTML) 8 Page - Asahi Kasei Microsystems

Back Button AKD4204 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 11Page - Asahi Kasei Microsystems AKD4204 Datasheet HTML 12Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
[AK4204]
Rev. 0.1
2012/02
- 8 -
Audio Circuit Power-Up Sequence
The audio circuit of the AK4204 is powered-up when the APDN pin becomes “H”.
(Note) The charge pump starts operation when the APDN pin or VPDN pin is “H”.
The figure below shows an example of when the VPDN pin becoes “H” before the APDN pin.
VPDN: “L” ⇒“H” (Note)
Power up
VEE=Negative voltage
time A
(2)
(a)
(b)
LOUT/ROUT
3.0V
Power Supply
VDD1, VDD2
Audio Timer
Circuit
Charge Pump
VEE
(1)
Power down VEE=0V
LINP/RINP
-1.85V
APDN
Audio Input Signal
Mute=0V
Hi-Z
Mute=0V
Figure 6. System Reset Diagram
(1) When VDD1 and VDD2 are powered-up, audio analog output is connected to VSS internally via a mute switch.
The charge pump is powered-up in slow start mode, and the VEE voltage reachs -1.85V in 0.4ms.
(2) When the VEE reachs -1.85V, the audio timer circuit starts counting the “timeA” period (max. 15ms). If the APDN
pin becomes “H” before the “timeA” period starts (a), the mute switch is released after the “timeA” period and the
audio output is enabled. If the APDN pin becomes “H” after the “timeA” period (b), mute is released immediately.
(3) No audible click noise occurs by inputting 0V to the LINP/RINP pin until the end of “timeA” period.


Similar Part No. - AKD4204

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4204-A AKM-AKD4204-A Datasheet
1Mb / 19P
   AK4204 Evaluation Board Rev.0
More results

Similar Description - AKD4204

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4203 AKM-AK4203 Datasheet
244Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4203 AKM-AK4203 Datasheet
152Kb / 14P
   Stereo Cap-less LINE-Amp and Video-Amp
AK4712 AKM-AK4712 Datasheet
454Kb / 30P
   Stereo Cap-less LINE-Amp and HD Video-Amp
AK4201 AKM-AK4201_11 Datasheet
223Kb / 14P
   Stereo Cap-less HP-Amp
AK4201 AKM-AK4201 Datasheet
243Kb / 13P
   Stereo Cap-less HP-Amp
AK4955 AKM-AK4955 Datasheet
1Mb / 117P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP/ LDO & DSP
AK4950 AKM-AK4950 Datasheet
976Kb / 106P
   24bit Stereo CODEC with MIC/SPK/Cap-less VIDEO-AMP & mini DSP
AK4213 AKM-AK4213 Datasheet
768Kb / 38P
   Mono Class-D SPK-Amp with Stereo Cap-less HP-Amp
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
Synaptics Incorporated.
CX20787 CONEXANT-CX20787 Datasheet
864Kb / 2P
   Cap-less Stereo class G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com