Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK4340 Datasheet(PDF) 11 Page - Asahi Kasei Microsystems

Part # AK4340
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4340 Datasheet(HTML) 11 Page - Asahi Kasei Microsystems

Back Button AK4340_10 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 10Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4340_10 Datasheet HTML 15Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
[AK4340]
MS0501-E-01
2010/09
- 11 -
MCLK
Sampling Speed
1152fs
Normal (fs=32kHz Only)
512fs
768fs
Normal
256fs
384fs
Double
128fs
192fs
Quad
Table 3. Sampling Speed (Auto Setting Mode: Default at Serial control mode)
LRCK
MCLK (MHz)
fs
128fs
192fs
256fs
384fs
512fs
768fs
1152fs
Sampling
Speed
32.0kHz
-
-
-
-
16.3840
24.5760
36.8640
44.1kHz
-
-
-
-
22.5792
33.8688
-
48.0kHz
-
-
-
-
24.5760
36.8640
-
Normal
88.2kHz
-
-
22.5792
33.8688
-
-
-
96.0kHz
-
-
24.5760
36.8640
-
-
-
Double
176.4kHz
22.5792
33.8688
-
-
-
-
-
192.0kHz
24.5760
36.8640
-
-
-
-
-
Quad
Table 4. System Clock Example (Auto Setting Mode)
Audio Serial Interface Format
Data is shifted in via the SDTI pin using BICK and LRCK inputs. In serial control mode, five serial data mode can be
selected by DIF2-0 bits. (See Table 5). In parallel control mode, two serial data mode can be selected by DIF0 pin. (See
Table 6) In all modes the serial data is MSB-first, 2’s compliment format and is latched on the rising edge of BICK. Mode
2 can be used for 16/20 MSB justified formats by zeroing the unused LSBs.
Mode
DIF2
DIF1
DIF0
SDTI Format
BICK
Figure
0
0
0
0
16bit LSB Justified
≥32fs
Figure 6
1
0
0
1
20bit LSB Justified
≥40fs
Figure 7
2
0
1
0
24bit MSB Justified
≥48fs
Figure 8
Default
3
0
1
1
24bit I
2S Compatible
≥48fs
Figure 9
4
1
0
0
24bit LSB Justified
≥48fs
Figure 7
Table 5. Audio Data Format in Serial control mode
Mode
DIF0
SDTI Format
BICK
Figure
2
0
24bit MSB Justified
≥48fs
Figure 8
3
1
24bit I
2S Compatible
≥48fs
Figure 9
Table 6. Audio Data Format in Parallel control mode


Similar Part No. - AK4340_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340ET AKM-AK4340ET Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
AK4340ET AKM-AK4340ET Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4340_10

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421A AKM-AK4421A Datasheet
341Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4424 AKM-AK4424 Datasheet
336Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4426 AKM-AK4426 Datasheet
506Kb / 28P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com