Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4250 Datasheet(PDF) 10 Page - Asahi Kasei Microsystems

Part # AKD4250
Description  Output Coupling Capacitor-less Video Amp with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4250 Datasheet(HTML) 10 Page - Asahi Kasei Microsystems

Back Button AKD4250 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4250 Datasheet HTML 10Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
[AK4250]
MS0540-E-04
2010/06
- 10 -
REVISION HISTORY
Date (YY/MM/DD)
Revision
Reason
Page
Contents
07/03/28
00
First Edition
07/11/05
01
Spec Change
4
Power supply current consumption at power down
max 20
μA → 2μA
08/09/05
02
Error Correct
8
Marking was changed.
10/04/08
03
Error Correct
7
■ Material & Lead finish
Lead frame surface treatment: Ag plate → Au plate
10/06/07
04
Description
Addition
The AK4250VT was added.
IMPORTANT NOTICE
These products and their specifications are subject to change without notice.
When you consider any use or application of these products, please make inquiries the sales office of Asahi Kasei
Microdevices Corporation (AKM) or authorized distributors as to current status of the products.
Descriptions of external circuits, application circuits, software and other related information contained in this
document are provided only to illustrate the operation and application examples of the semiconductor products. You
are fully responsible for the incorporation of these external circuits, application circuits, software and other related
information in the design of your equipments. AKM assumes no responsibility for any losses incurred by you or third
parties arising from the use of these information herein. AKM assumes no liability for infringement of any patent,
intellectual property, or other rights in the application or use of such information contained herein.
Any export of these products, or devices or systems containing them, may require an export license or other official
approval under the law and regulations of the country of export pertaining to customs and tariffs, currency exchange,
or strategic materials.
AKM products are neither intended nor authorized for use as critical components
Note1
) in any safety, life support, or
other hazard related device or system
Note2
), and AKM assumes no responsibility for such use, except for the use
approved with the express written consent by Representative Director of AKM. As used here:
Note1
) A critical component is one whose failure to function or perform may reasonably be expected to result,
whether directly or indirectly, in the loss of the safety or effectiveness of the device or system containing it, and
which must therefore meet very high standards of performance and reliability.
Note2
) A hazard related device or system is one designed or intended for life support or maintenance of safety
or for applications in medicine, aerospace, nuclear energy, or other fields, in which its failure to function or
perform may reasonably be expected to result in loss of life or in significant injury or damage to person or
property.
It is the responsibility of the buyer or distributor of AKM products, who distributes, disposes of, or otherwise places
the product with a third party, to notify such third party in advance of the above content and conditions, and the buyer
or distributor agrees to assume any and all responsibility and liability for and hold AKM harmless from any and all
claims arising from the use of said product in the absence of such notification.


Similar Part No. - AKD4250

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4250 AKM-AKD4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
   1ch video amplifier with low pass filter
AKD4250/52 AKM-AKD4250/52 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
More results

Similar Description - AKD4250

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4252 AKM-AK4252_10 Datasheet
181Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4250 AKM-AK4250 Datasheet
148Kb / 8P
   Output Coupling Capacitor-less Video Amp with LPF
AK4252 AKM-AK4252 Datasheet
77Kb / 9P
   Output Coupling Capacitor-less Video Amp with LPF
logo
New Japan Radio
NJU71031 NJRC-NJU71031 Datasheet
242Kb / 8P
   OUTPUT COUPLING CAPACITOR-LESS LOW VOLTAGE VIDEO AMPLIFIER WITH LPF
NJM2559 NJRC-NJM2559 Datasheet
698Kb / 10P
   Output Coupling Capacitor-less Video Amplifier with Power Supply
logo
Rohm
BD8876FV ROHM-BD8876FV Datasheet
1Mb / 24P
   Output Coupling Capacitor-less Line Amplifier
logo
Asahi Kasei Microsystem...
AK4254 AKM-AK4254 Datasheet
349Kb / 22P
   Capacitor-less Video Amp with 7:2 Video Switch
logo
New Japan Radio
NJM41050 NJRC-NJM41050 Datasheet
79Kb / 5P
   47關F AC-Coupling Capacitor 3-Input 1-Output Video Driver with LPF
logo
Rohm
BH76806FVM ROHM-BH76806FVM_09 Datasheet
489Kb / 17P
   Output Capacitor-less Video Drivers
BH76806FVM-TR ROHM-BH76806FVM-TR Datasheet
502Kb / 17P
   Output Capacitor-less Video Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com