Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4388A Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AKD4388A
Description  192kHz 24-Bit 2ch ?誇 DAC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4388A Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AKD4388A Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4388A Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AK4388A]
MS1008-E-02
2010/09
- 6 -
DC CHARACTERISTICS
(Ta = 25
°C; VDD = 4.5 ∼ 5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Output Voltage
(Iout = –80µA)
Low-Level Output Voltage
(Iout = 80µA)
VOH
VOL
VDD-0.4
-
-
-
0.4
V
V
Input Leakage Current (Note 10)
Iin
-
-
± 10
µA
Note 10. Except for the DIF1 and DEM pins. The DIF1 pin has internal pull-up resistor, the DEM pin has internal
pull-down resistor, nominally 100k
Ω. (typ. 100kΩ)
SWITCHING CHARACTERISTICS
(Ta = 25
°C; VDD = 4.5 ∼ 5.5V; CL = 20pF)
Parameter
Symbol
min
typ
max
Units
Master Clock Frequency
Duty Cycle
fCLK
dCLK
2.048
40
11.2896
36.864
60
MHz
%
LRCK Frequency
Normal Speed Mode
Double Speed Mode
Quad Speed Mode
Duty Cycle
fsn
fsd
fsq
Duty
8
32
120
45
48
96
192
55
kHz
kHz
kHz
%
Audio Interface Timing
BICK Period
Normal Speed Mode
Double/Quad Speed Mode
BICK Pulse Width Low
Pulse Width High
BICK “
↑” to LRCK Edge
(Note 11)
LRCK Edge to BICK “
↑”
(Note 11)
SDTI Hold Time
SDTI Setup Time
tBCK
tBCK
tBCKL
tBCKH
tBLR
tLRB
tSDH
tSDS
1/128fs
1/64fs
30
30
20
20
20
20
ns
ns
ns
ns
ns
ns
ns
ns
Reset Timing
RSTN Pulse Width
(Note 12)
tRST
150
ns
Note 11. BICK rising edge must not occur at the same time as LRCK edge.
Note 12. The AK4388A can be reset by bringing RSTN pin = “L” → “H”.


Similar Part No. - AKD4388A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4388 AKM-AKD4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AKD4388-SB AKM-AKD4388-SB Datasheet
443Kb / 26P
   192kHz sampling 24Bit ?誇 DAC
More results

Similar Description - AKD4388A

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385 Datasheet
275Kb / 21P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4482VT AKM-AK4482VT Datasheet
566Kb / 26P
   111dB 192kHz 24-Bit 2ch ?誇 DAC
AK4382A AKM-AK4382A Datasheet
246Kb / 21P
   112dB 192kHz 24-Bit 2ch DAC
AK4381 AKM-AK4381 Datasheet
232Kb / 21P
   108DB 192KHZ 24-BIT 2CH DAC
AK4384 AKM-AK4384 Datasheet
241Kb / 22P
   106dB 192kHz 24-Bit 2ch DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com