Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AKD4392 Datasheet(PDF) 3 Page - Asahi Kasei Microsystems

Part # AKD4392
Description  High Performance 120dB Premium 32-Bit DAC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4392 Datasheet(HTML) 3 Page - Asahi Kasei Microsystems

  AKD4392 Datasheet HTML 1Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 2Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4392 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
[AK4392]
MS1045-E-02
2009/04
- 3 -
Ordering Guide
AK4392EQ
−10 ∼ +70°C
44pin LQFP (0.8mm pitch)
AKD4392
Evaluation Board for AK4392
Pin Layout
AOU TL P
34
VCML
35
NC
36
NC
37
NC
38
NC
39
VSS3
40
AVDD
41
MCL K
42
VSS4
43
NC
44
22
21
20
19
18
17
16
15
14
13
12
AOUTRP
VCMR
NC
DI NL
DI NR
NC
BCK
TST2/DZFR
PSN
NC
DI F2
AK4392
Top View


Similar Part No. - AKD4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4392-SB AKM-AKD4392-SB Datasheet
572Kb / 32P
   AK4392 Sound quality evaluation board Rev.0
More results

Similar Description - AKD4392

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4414EQ AKM-AK4414EQ Datasheet
861Kb / 51P
   High Performance 120dB 32-Bit 4ch DAC
AK4397 AKM-AK4397 Datasheet
530Kb / 37P
   High Performance Premium 32-Bit DAC
AK4399 AKM-AK4399 Datasheet
660Kb / 41P
   High Performance 123dB Premium 32-Bit DAC
AK4413EQ AKM-AK4413EQ Datasheet
833Kb / 48P
   High Performance 120dB 24-Bit 4ch DAC
logo
List of Unclassifed Man...
AK4413EQP ETC2-AK4413EQP Datasheet
576Kb / 47P
   High Performance 120dB 24-Bit 4ch DAC
logo
Asahi Kasei Microsystem...
AK4490EN AKM-AK4490EN Datasheet
1Mb / 42P
   Premium 32-Bit 2ch DAC
AK4490EQ AKM-AK4490EQ Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4490 AKM-AK4490 Datasheet
2Mb / 68P
   Premium 32-Bit 2ch DAC
AK4480 AKM-AK4480 Datasheet
575Kb / 44P
   High Performance 114dB 32-Bit DAC
AK4495EQ AKM-AK4495EQ Datasheet
1Mb / 63P
   Quality-oriented Premium 32-Bit 2ch DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com