Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4424 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part No. AK4424
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4424 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AK4424 Datasheet HTML 2Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 3Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 4Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 5Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 6Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 7Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 8Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 9Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
[AK4424]
MS0935-E-03
2010/09
- 6 -
FILTER CHARACTERISTICS
(Ta = 25
°C; VDD=CVDD = +4.5 ∼ +5.5V; fs = 44.1 kHz)
Parameter
Symbol
min
typ
max
Units
Digital filter (DEM = OFF)
Passband
±0.05dB (Note 11)
-6.0dB
PB
0
-
22.05
20.0
-
kHz
kHz
Stopband (Note 11)
SB
24.1
kHz
Passband Ripple
PR
± 0.02
dB
Stopband Attenuation
SA
54
dB
Group Delay (Note 12)
GD
-
19.3
-
1/fs
De-emphasis Filter (DEM = ON)
De-emphasis Error
(Relative to 0Hz)
fs = 32kHz
fs = 44.1kHz
fs = 48kHz
-
-
-
-
-
-
–1.5/0
–0.2/+0.2
0/+0.6
dB
dB
dB
Digital Filter + LPF (DEM = OFF)
Frequency Response
20.0kHz
40.0kHz
80.0kHz
fs=44.1kHz
fs=96kHz
fs=192kHz
FR
FR
FR
-
-
-
± 0.05
± 0.05
± 0.05
-
-
-
dB
dB
dB
Note 11. The passband and stopband frequencies scale with fs(system sampling rate).
For example, PB=0.4535×fs (@
±0.05dB), SB=0.546×fs.
Note 12. Calculated delay time caused by digital filter. This time is measured from setting the 16/24bit data
of both channels to input register to the output of the analog signal.
DC CHARACTERISTICS
(Ta = 25
°C; VDD=CVDD = +4.5 ∼ +5.5V)
Parameter
Symbol
min
typ
max
Units
High-Level Input Voltage
Low-Level Input Voltage
VIH
VIL
2.2
-
-
-
-
0.8
V
V
High-Level Input Voltage (Iout = -80uA)
Low-Level Input Voltage
(Iout = 80uA)
VIH
VIL
VDD-0.4
-
-
-
-
0.4
V
V
Input Leakage Current (Note 13)
Iin
-
-
± 10
μA
Note 13. The DEM pin is not included. The DEM pin has internal pull-down resistor. (typ.100kΩ)


Similar Part No. - AK4424

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
List of Unclassifed Manufacturers
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420ET AKM-AK4420ET Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420ET AKM-AK4420ET Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4424

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
List of Unclassifed Manufacturers
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Cirrus Logic
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz