Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

AK4424 Datasheet(PDF) 17 Page - Asahi Kasei Microsystems

Part No. AK4424
Description  192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4424 Datasheet(HTML) 17 Page - Asahi Kasei Microsystems

Back Button AK4424 Datasheet HTML 11Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 12Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 13Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 14Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 15Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 16Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 17Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 18Page - Asahi Kasei Microsystems AK4424 Datasheet HTML 19Page - Asahi Kasei Microsystems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
[AK4424]
MS0935-E-03
2010/09
- 17 -
PACKAGE
0-10
°
Detail A
Seating Plane
0.10
0.17
±0.05
0.22
±0.1
0.65
*5.0
±0.1
1.1 (max)
A
1
8
9
16
16pin TSSOP (Unit: mm)
0.1
±0.1
NOTE: Dimension "*" does not include mold flash.
0.13
M
Package & Lead frame material
Package molding compound:
Epoxy
Lead frame material:
Cu
Lead frame surface treatment:
Solder (Pb free) plate


Similar Part No. - AK4424

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
List of Unclassifed Manufacturers
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420ET AKM-AK4420ET Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420ET AKM-AK4420ET Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results

Similar Description - AK4424

ManufacturerPart No.DatasheetDescription
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340 Datasheet
253Kb / 21P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
List of Unclassifed Manufacturers
List of Unclassifed Man...
AK4420 ETC2-AK4420 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo DAC with 2Vrms Output
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4340 AKM-AK4340_10 Datasheet
323Kb / 24P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4425A AKM-AK4425A Datasheet
451Kb / 27P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4340 AKM-AK4340_06 Datasheet
252Kb / 23P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
Cirrus Logic
Cirrus Logic
WM8524 CIRRUS-WM8524 Datasheet
290Kb / 25P
   24-bit 192kHz Stereo DAC with 2Vrms
Asahi Kasei Microsystems
Asahi Kasei Microsystem...
AK4420 AKM-AK4420 Datasheet
448Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4421 AKM-AK4421 Datasheet
370Kb / 19P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4430 AKM-AK4430 Datasheet
365Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4341 AKM-AK4341 Datasheet
352Kb / 18P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
AK4420 AKM-AK4420_10 Datasheet
345Kb / 20P
   192kHz 24-Bit Stereo ?誇 DAC with 2Vrms Output
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz